Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F423GCPF Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90F423GCPF
Description  16-Bit Original Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F423GCPF Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90F423GCPF Datasheet HTML 1Page - Fujitsu Component Limited. MB90F423GCPF Datasheet HTML 2Page - Fujitsu Component Limited. MB90F423GCPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90F423GCPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90F423GCPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90F423GCPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90F423GCPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F423GCPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F423GCPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
MB90420G/425G Series
4
s PRODUCT LINEUP
•••• MB90420G Series
* : When used with emulation pod MB2145-507, use DIP switch S2 setting. For details see the MB2145-50
Hardware Manual (2.7 “Emulator Dedicated Power Supply Pin”) .
•••• MB90425G Series
Note : MB90V420G can be used as evaluation model for MB90420G/425G series.
Part
number
Parameter
MB90F423GA
MB90F423GC
MB90423GA
MB90423GC
MB90V420G
Configuration
Flash ROM model
Mask ROM model
Evaluation model
CPU
F2MC-16LX CPU
Clock
1 system
2 systems
1 system
2 systems
2 systems
System clock
On-chip PLL clock multiplier type (
× 1, × 2, × 3, × 4, 1/2 when PLL stopped)
Minimum instruction execution time 62.5 ns (with 4 MHz oscillator
× 4)
ROM
Flash ROM 128 KB
Mask ROM 128 KB
External
RAM
6 KB
6 KB
6 KB
CAN interface
2 channels
Low voltage/
CPU operation
detection reset
Yes
No
Yes
No
No
Packages
QFP100, LQFP100
PGA-256
Emulator
dedicated
power supply*
No
Part number
Parameter
MB90F428GA MB90F428GC MB90427GA
MB90427GC MB90428GA MB90428GC
Configuration
Flash ROM model
Mask ROM model
CPU
F2MC-16LX CPU
Clock
1 system
2 systems
1 system
2 systems
1 system
2 systems
System clock
On-chip PLL clock multiplier type (
× 1, × 2, × 3, × 4, 1/2 when PLL stopped)
Minimum instruction execution time 62.5 ns (with 4 MHz oscillator
× 4)
ROM
Flash ROM 128 KB
Mask ROM 64 KB
Mask ROM 128 KB
RAM
6 KB
4 KB
6 KB
CAN interface
1 channel
Low voltage/CPU
operation
detection reset
Yes
No
Yes
No
Yes
No
Packages
QFP100, LQFP100
Emulator
dedicated
power supply


Similar Part No. - MB90F423GCPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F423GCPF FUJITSU-MB90F423GCPF Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90F423GCPF FUJITSU-MB90F423GCPF Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
More results

Similar Description - MB90F423GCPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90423G FUJITSU-MB90423G Datasheet
1Mb / 99P
   16-Bit Original Microcontroller
MB90425G FUJITSU-MB90425G Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90420G FUJITSU-MB90420G_08 Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90M405 FUJITSU-MB90M405_05 Datasheet
572Kb / 64P
   16-Bit Original Microcontroller
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com