Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THN6201S Datasheet(PDF) 1 Page - AUK corp

Part # THN6201S
Description  SiGe NPN Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

THN6201S Datasheet(HTML) 1 Page - AUK corp

  THN6201S Datasheet HTML 1Page - AUK corp THN6201S Datasheet HTML 2Page - AUK corp THN6201S Datasheet HTML 3Page - AUK corp THN6201S Datasheet HTML 4Page - AUK corp THN6201S Datasheet HTML 5Page - AUK corp THN6201S Datasheet HTML 6Page - AUK corp THN6201S Datasheet HTML 7Page - AUK corp THN6201S Datasheet HTML 8Page - AUK corp THN6201S Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
THN6201 Series
SiGe NPN Transistor
□ Applications
LNA and wide band amplifier up to GHz range
□ Features
o Low Noise Figure
NF = 1.1 dB at f = 1 GHz, VCE = 3 V, IC = 5 mA
NF = 1.5 dB at f = 2 GHz, VCE = 3 V, IC = 5 mA
o High Power Gain
MAG = 18.5 dB at f = 1 GHz, VCE = 3 V, IC = 15 mA
MAG = 13 dB at f = 1 GHz, VCE = 3 V, IC = 15 mA
o High Transition Frequency
fT = 12 GHz at VCE = 3 V, IC = 15 mA
Pin Configuration
Pin No
1
2
3
□ h
FE Classification
□ Available Package
Product
THN6201S
THN6201U
THN6201Z
THN6201E
□ Absolute Maximum Ratings
THN6201KF
Caution : ESD sensitive device
Parameter
Symbol
VCBO
Collector to Base Breakdown Voltage
VCEO
VEBO
Collector to Emitter Breakdown Voltage
Emitter to Base Breakdown Voltage
IC
PT
TSTG
Operating Junction Temperature
Storage Temperature
TJ
-65 ~ 150
150
Collector Current (DC)
35
AC1
AC2
Marking
hFE Value 125 to 300
80 to 160
Total Power Dissipation
150
Unit
Symbol
SOT-343
2.0ⅹ1.25, 1.0t
SOT-523
1.6ⅹ0.8, 0.8t
SOT-23
B
Description
Emitter
Base
Ratings
E
1.4ⅹ0.8, 0.6t
Unit : mm
2.9ⅹ1.3, 1.2t
SOT-323
2.0ⅹ1.25, 1.0t
12
Collector
C
SOT-623F
V
V
20
Package
Dimension
V
2.5
mA
mW
SOT-523
Unit in mm
Semiconductor
1


Similar Part No. - THN6201S

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6201S TACHYONICS-THN6201S Datasheet
141Kb / 12P
   NPN Planer RF TRANSISTOR
THN6201S TACHYONICS-THN6201S Datasheet
251Kb / 13P
   NPN SiGe RF TRANSISTOR
More results

Similar Description - THN6201S

ManufacturerPart #DatasheetDescription
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN6501F AUK-THN6501F Datasheet
189Kb / 11P
   SiGe NPN Transistor
THN4201U AUK-THN4201U Datasheet
239Kb / 12P
   SiGe NPN Transistor
THN405Z AUK-THN405Z Datasheet
178Kb / 5P
   SiGe NPN Transistor
THN6301S AUK-THN6301S Datasheet
221Kb / 11P
   SiGe NPN Transistor
THN5702F AUK-THN5702F Datasheet
257Kb / 8P
   SiGe NPN Transistor
THN4501U AUK-THN4501U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN420Z AUK-THN420Z Datasheet
245Kb / 5P
   SiGe NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com