Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90V330A Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90V330A
Description  16-bit Proprietary Microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90V330A Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90V330A Datasheet HTML 5Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 6Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 7Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 8Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 9Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 10Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 11Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 12Page - Fujitsu Component Limited. MB90V330A Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
MB90330 Series
9
(Continued)
Pin no.
Pin name
Circuit
type*
Function
LQFP
18
P45
G
General purpose input/output port.
A13
Function as the external address pin in non-multi-bus mode.
SIN1
Function as a data input pin for UART ch1.
19
P46
G
General purpose input/output port.
A14
Function as the external address pin in non-multi-bus mode.
SOT1
Function as a data output pin for UART ch1.
20
P47
G
General purpose input/output port.
A15
Function as the external address pin in non-multi-bus mode.
SCK1
Function as a clock I/O pin for UART ch1.
81
P50
L
General purpose input/output port.
ALE
Function as the address latch enable signal (ALE) pin in external bus mode.
82
P51
L
General purpose input/output port.
RD
Function as the read strobe output (RD) pin in external bus mode.
83
P52
L
General purpose input/output port.
WRL
Function as the data write strobe output (WRL) pin on the lower side in
external bus mode. This pin functions as a general-purpose I/O port when
the WRE bit in the EPCR register is “0”.
84
P53
L
General purpose input/output port.
WRH
Function as the data write strobe output (WRH) pin on the higher side in bus
width 16-bit external bus mode. This pin functions as a general-purpose
I/O port when the WRE bit in the EPCR register is “0”.
85
P54
L
General purpose input/output port.
HRQ
Function as the hold request input (HRQ) pin in external bus mode. This pin
functions as a general-purpose I/O port when the HDE bit in the EPCR
register is “0”.
86
P55
L
General purpose input/output port.
HAK
Function as the hold acknowledge output (HAK) pin in external bus mode.
This pin functions as a general-purpose I/O port when the HDE bit in the
EPCR register is “0”.
91
P56
L
General purpose input/output port.
RDY
Function as the external ready input (RDY) pin in external bus mode. This
pin functions as a general-purpose I/O port when the RYE bit in the EPCR
register is “0”.
92
P57
L
General purpose input/output port.
CLK
Function as the machine cycle clock output (CLK) pin in external bus mode.
This pin functions as a general-purpose I/O port when the CKE bit in the
EPCR register is “0”.
21, 22
P60, P61
C
General purpose input/output port. (With stand voltage of 5 V)
INT0, INT1
Function as external interrupt ch0 and ch1 input pins.


Similar Part No. - MB90V330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90V330A FUJITSU-MB90V330A Datasheet
1Mb / 120P
   16-bit Microcontroller
MB90V330A FUJITSU-MB90V330A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90V330A FUJITSU-MB90V330A Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90V330A FUJITSU-MB90V330A Datasheet
429Kb / 72P
   16-bit microcontrollers
MB90V330A FUJITSU-MB90V330A Datasheet
284Kb / 48P
   16-bit microcontrollers
More results

Similar Description - MB90V330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com