Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90823 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90823
Description  16-bit Proprietary Microcontroller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90823 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90823 Datasheet HTML 1Page - Fujitsu Component Limited. MB90823 Datasheet HTML 2Page - Fujitsu Component Limited. MB90823 Datasheet HTML 3Page - Fujitsu Component Limited. MB90823 Datasheet HTML 4Page - Fujitsu Component Limited. MB90823 Datasheet HTML 5Page - Fujitsu Component Limited. MB90823 Datasheet HTML 6Page - Fujitsu Component Limited. MB90823 Datasheet HTML 7Page - Fujitsu Component Limited. MB90823 Datasheet HTML 8Page - Fujitsu Component Limited. MB90823 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
MB90820 Series
4
■ PRODUCT LINEUP
(Continued)
MB90V820
MB90F822A
MB90F823A
MB90822
MB90823
Classification
Evaluation product
Flash memory product
with flash security
Mask ROM product
ROM size
64K bytes
128K bytes
64K bytes
128K bytes
RAM size
16K bytes
4K bytes
CPU function
Number of instruction : 351
Minimum execution time : 42 ns / 4 MHz (PLL
× 6)
Addressing mode : 23
Data bit length : 1, 8, 16 bits
Maximum memory space: 16M bytes
I/O port
I/O port (CMOS) : 66
PWC
Pulse width counter timer : 2 channels
Timer function (select the counter timer from three internal clocks)
Various pulse width measuring function (“H” pulse width, “L” pulse width, rising edge to falling
edge period, falling edge to rising edge period, rising edge to rising edge period and falling edge
to falling edge period)
UART
UART : 2 channels
With full-duplex double buffer (8-bit length)
Clock asynchronized or clock synchronized transmission (with start and stop bits) can be
selected and used.
Transmission can be one-to-one (bidirectional communication) or one-to-n (master-slave com-
munication).
16-bit reload
timer
Reload timer : 2 channels
Reload mode, single-shot mode or event count mode selectable
16-bit PPG
timer
PPG timer : 3 channels
PWM mode or single-shot mode selectable
Ch0 can be worked with multi-functional timer or independently.
Multi-functional
timer
(for AC/DC
motor control)
16-bit free-running timer with up or up-down mode selection and buffer : 1 channel
16-bit output compare : 6 channels
16-bit input capture : 4 channels
16-bit PPG timer : 1 channel
Waveform generator (16-bit timer : 3 channels, 3-phase waveform or dead time)
8/10-bit A/D
converter
8/10-bit resolution (16 channels)
Conversion time : Min 3
µs (24 MHz internal clock, including sampling time)
8-bit D/A
converter
8-bit resolution (2 channels)
DTP/External
interrupt
8 independent channels
Interrupt factors : Rising edge, falling edge, “L” level or “H” level
Low-power
consumption
Stop mode / Sleep mode / CPU intermittent operation mode
Part number
Item


Similar Part No. - MB90823

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90823B FUJITSU-MB90823B Datasheet
1Mb / 56P
   16-bit Microcontroller
MB90823BPF FUJITSU-MB90823BPF Datasheet
1Mb / 56P
   16-bit Microcontroller
MB90823BPMC FUJITSU-MB90823BPMC Datasheet
1Mb / 56P
   16-bit Microcontroller
MB90823BPMC1 FUJITSU-MB90823BPMC1 Datasheet
1Mb / 56P
   16-bit Microcontroller
More results

Similar Description - MB90823

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com