Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F481PFV Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F481PFV
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F481PFV Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F481PFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90F481PFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90F481PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90F481PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90F481PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90F481PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90F481PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F481PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F481PFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
DS07-13722-8E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2002-2006 FUJITSU LIMITED All rights reserved
“Check Sheet” is seen at the following support page
URL : http://www.fujitsu.com/global/services/microelectronics/product/micom/support/index.html
“Check Sheet” lists the minimal requirement items to be checked to prevent problems beforehand in system
development.
Be sure to refer to the “Check Sheet” for the latest cautions on development.
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90480/485 Series
MB90F481/F482/487B/488B/483C
MB90F488B/F489B/V480/V485B
■ DESCRIPTION
The MB90480/485 series is a 16-bit general-purpose FUJITSU microcontroller designed for process control in
consumer devices and other applications requiring high-speed real-time processing.
The F2MC-16LX CPU core instruction set retains the AT architecture of the F2MC*1 family, with additional instruc-
tions for high-level languages, expanded addressing mode, enhanced multiply-drive instructions, and complete
bit processing. In addition, a 32-bit accumulator is provided to enable long-word processing.
The MB90480/485 series features embedded peripheral resources including 8/16-bit PPG, expanded I/O serial
interface, UART, 10-bit A/D converter, 16-bit I/O timer, 8/16-bit up/down-counter, PWC timer, I2C*2 interface, DTP/
external interrupt, chip select, and 16-bit reload timer.
*1 : F2MC is the abbreviation for FUJITSU Flexible Microcontroller.
*2 : Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these
components in an I2C system provided that the system conforms to the I2C standard a Specification as defined
by Philips.
■ FEATURES
•Clock
Minimum instruction execution time: 40.0 ns/6.25 MHz base frequency multiplied
× 4 (25 MHz internal operating
frequency/3.3 V
± 0.3 V)
62.5 ns/4 MHz base frequency multiplied
× 4 (16 MHz internal operating
frequency/3.0 V
± 0.3 V) PLL clock multiplier
• Maximum memory space: 16 Mbytes
(Continued)


Similar Part No. - MB90F481PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F481PFV FUJITSU-MB90F481PFV Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F481PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com