Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THN5702F Datasheet(PDF) 2 Page - AUK corp

Part # THN5702F
Description  SiGe NPN Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

THN5702F Datasheet(HTML) 2 Page - AUK corp

  THN5702F Datasheet HTML 1Page - AUK corp THN5702F Datasheet HTML 2Page - AUK corp THN5702F Datasheet HTML 3Page - AUK corp THN5702F Datasheet HTML 4Page - AUK corp THN5702F Datasheet HTML 5Page - AUK corp THN5702F Datasheet HTML 6Page - AUK corp THN5702F Datasheet HTML 7Page - AUK corp THN5702F Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
□ Electrical Characteristics (T
A = 25 ℃)
dBm
-
29
27
VCE = 3.6 V, IC = 30 mA(RF off),
f = 460 MHz, PIN=15dBm
POUT
Output Power
dBm
-
30
28
VCE = 4.5 V, IC = 50 mA(RF off),
f = 460 MHz, PIN=15dBm
dBm
-
31
29
VCE = 6.0 V, IC = 30 mA(RF off),
f = 460 MHz, PIN=15dBm
dBm
-
25
23
VCE = 3.0 V, IC = 50 mA(RF off),
f = 434 MHz, PIN=10dBm
dB
-
16
14
VCE = 3.0 V, IC = 50 mA(RF off),
f = 434 MHz, PIN=0dBm
dB
-
15
13
VCE = 6.0 V, IC = 30 mA(RF off),
f = 460 MHz, PIN=0dBm
dB
-
15
13
VCE = 4.5 V, IC = 50 mA(RF off),
f = 460 MHz, PIN=0dBm
dB
-
14
12
VCE = 3.6 V, IC = 30 mA(RF off),
f = 460 MHz, PIN=0dBm
GP
Power Gain
300
40
VCE = 4.5 V, IC = 150 mA
hFE
DC Current Gain
2.5
-
-
VCB = 13 V, IE = 0 mA
ICBO
Collector Cut-off Current
1.5
-
-
VCE = 7 V, IB = 0 mA
ICEO
1.5
-
-
VEB = 1.0 V, IC = 0 mA
IEBO
Emitter Cut-off Current
6.5
Typ.
8.0
Max.
pF
-
VCB = 4.5 V, IE = 0 mA, f = 1 MHz
Cre
Reverse Transfer Capacitance
Unit
Min.
Test Conditions
Symbol
Parameter
□ h
FE Classification
170 - 300
40 - 200
hFE Value
PC2
PC1
Marking
□ Thermal Characteristics
K/W
80
Thermal Resistance from Junction to Ambient
Rth j-a
Unit
Value
Parameter
Symbol
THN5702F


Similar Part No. - THN5702F

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN5601B TACHYONICS-THN5601B Datasheet
89Kb / 7P
   NPN SiGe RF POWER TRANSISTOR
logo
AUK corp
THN5601B AUK-THN5601B Datasheet
224Kb / 7P
   SiGe NPN Transistor
logo
Tachyonics CO,. LTD
THN5601SF TACHYONICS-THN5601SF Datasheet
324Kb / 11P
   NPN SiGe RF POWER TRANSISTOR
THN5602F TACHYONICS-THN5602F Datasheet
280Kb / 6P
   NPN SiGe RF POWER TRANSISTOR
More results

Similar Description - THN5702F

ManufacturerPart #DatasheetDescription
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN6501F AUK-THN6501F Datasheet
189Kb / 11P
   SiGe NPN Transistor
THN4201U AUK-THN4201U Datasheet
239Kb / 12P
   SiGe NPN Transistor
THN405Z AUK-THN405Z Datasheet
178Kb / 5P
   SiGe NPN Transistor
THN6201S AUK-THN6201S Datasheet
252Kb / 13P
   SiGe NPN Transistor
THN6301S AUK-THN6301S Datasheet
221Kb / 11P
   SiGe NPN Transistor
THN4501U AUK-THN4501U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN420Z AUK-THN420Z Datasheet
245Kb / 5P
   SiGe NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com