Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S-B4G1T Datasheet(PDF) 3 Page - NEC

Part # EP2S-B4G1T
Description  AUTOMOTIVE RELAYS LOW SOUND PRESSURE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EP2S-B4G1T Datasheet(HTML) 3 Page - NEC

  EP2S-B4G1T Datasheet HTML 1Page - NEC EP2S-B4G1T Datasheet HTML 2Page - NEC EP2S-B4G1T Datasheet HTML 3Page - NEC EP2S-B4G1T Datasheet HTML 4Page - NEC EP2S-B4G1T Datasheet HTML 5Page - NEC EP2S-B4G1T Datasheet HTML 6Page - NEC EP2S-B4G1T Datasheet HTML 7Page - NEC EP2S-B4G1T Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
EP2S / EP1S SERIES
EP1S SERIES
[H Bridge Type]
[Separate Type]
2 - 1.9
+0.1
–0
2 - 1.9
+0.1
–0
1.9
+0.1
–0
4 - 1.5
+0.1
–0
2 - 1.1
+0.1
–0
2 - 1.5
+0.1
–0
4 - 1.1
+0.1
–0
2 - 1.5
+0.1
–0
4 - 1.1
+0.1
–0
φ
φ
φ
φφ
φ
φ
φ
φ
( 0.075)
φ
( 0.075)
φ
EP2S SERIES
EP1S SERIES
( 0.043)
φ
( 0.059)
φ
( 0.075)
φ
( 0.043)
φ
( 0.059)
φ
( 0.043)
φ
( 0.059)
φ
PCB PAD LAYOUT mm (inch) (BOTTOM VIEW)
JAPAN
EP1S-B3G1
22
14.6 0.5
16.2 0.5
10.1(0.4)
2.65∗(0.1)
8.0(0.31)
3.5
1.3
×1.3
2-0.5
×1.1
2- 0.6
Vent hole
Date code
Part number
4A 1
+
+
φ
(1.5
×1.5)
(0.02
×0.02)
∗for reference
(0.14)
( 0.02)
φ
(0.63)
(0.58)


Similar Part No. - EP2S-B4G1T

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S130 ALTERA-EP2S130 Datasheet
2Mb / 238P
   Stratix II Device Family
EP2S130 ALTERA-EP2S130 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2S130 ALTERA-EP2S130 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2S130 ALTERA-EP2S130 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2S130 ALTERA-EP2S130 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2S-B4G1T

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KBS-20DB-5A KSS-KBS-20DB-5A Datasheet
55Kb / 1P
   Low current consumption - high sound pressure
logo
Murata Manufacturing Co...
PKLCS1212E20A0-R1 MURATA-PKLCS1212E20A0-R1 Datasheet
197Kb / 3P
   high sound pressure level and clear sound
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1 Datasheet
194Kb / 3P
   high sound pressure level and clear sound
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com