Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F106AMSPFM Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB95F106AMSPFM
Description  8-bit Proprietary Microcontrollers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F106AMSPFM Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB95F106AMSPFM Datasheet HTML 7Page - Fujitsu Component Limited. MB95F106AMSPFM Datasheet HTML 8Page - Fujitsu Component Limited. MB95F106AMSPFM Datasheet HTML 9Page - Fujitsu Component Limited. MB95F106AMSPFM Datasheet HTML 10Page - Fujitsu Component Limited. MB95F106AMSPFM Datasheet HTML 11Page - Fujitsu Component Limited. MB95F106AMSPFM Datasheet HTML 12Page - Fujitsu Component Limited. MB95F106AMSPFM Datasheet HTML 13Page - Fujitsu Component Limited. MB95F106AMSPFM Datasheet HTML 14Page - Fujitsu Component Limited. MB95F106AMSPFM Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
MB95100AM Series
11
(Continued)
Pin no.
Pin name
I/O
Circuit
type*
Function
31
P11/UO0
H
General-purpose I/O port.
The pin is shared with UART/SIO ch.0 data output.
32
P12/UCK0
General-purpose I/O port.
The pin is shared with UART/SIO ch.0 clock I/O.
33
P13/TRG0/
ADTG
General-purpose I/O port.
The pin is shared with 16-bit PPG ch.0 trigger input (TRG0) and
A/D trigger input (ADTG).
34
P14/PPG0
General-purpose I/O port.
The pin is shared with 16-bit PPG ch.0 output.
35
P20/PPG00
H
General-purpose I/O port.
The pins are shared with 8/16-bit PPG ch.0 output.
36
P21/PPG01
37
P22/TO00
General-purpose I/O port.
The pins are shared with 8/16-bit compound timer ch.0 output.
38
P23/TO01
39
P24/EC0
General-purpose I/O port.
The pin is shared with 8/16-bit compound timer ch.0 clock input.
40
P50/SCL0
I
General-purpose I/O port.
The pin is shared with I2C ch.0 clock I/O.
41
P51/SDA0
General-purpose I/O port.
The pin is shared with I2C ch.0 data I/O.
42
P52/PPG1
H
General-purpose I/O port.
The pin is shared with 16-bit PPG ch.1 output.
43
P53/TRG1
General-purpose I/O port.
The pin is shared with 16-bit PPG ch.1 trigger input.
44
P60/PPG10
K
General-purpose I/O port.
The pins are shared with 8/16-bit PPG ch.1 output.
45
P61/PPG11
46
P62/TO10
General-purpose I/O port.
The pins are shared with 8/16-bit compound timer ch.1 output.
47
P63/TO11
48
P64/EC1
General-purpose I/O port.
The pin is shared with 8/16-bit compound timer ch.1 clock input.
49
P65/SCK
General-purpose I/O port.
The pin is shared with LIN-UART clock I/O.
50
P66/SOT
General-purpose I/O port.
The pin is shared with LIN-UART data output.
51
P67/SIN
L
General-purpose I/O port.
The pin is shared with LIN-UART data input.
52
P43/AN11
J
General-purpose I/O port.
The pins are shared with A/D converter analog input.
53
P42/AN10
54
P41/AN09
55
P40/AN08


Similar Part No. - MB95F106AMSPFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F108AS FUJITSU-MB95F108AS Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95F108AW FUJITSU-MB95F108AW Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95F108BS FUJITSU-MB95F108BS Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95F108BSPFM FUJITSU-MB95F108BSPFM Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95F108BSPFV FUJITSU-MB95F108BSPFV Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95F106AMSPFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com