Electronic Components Datasheet Search |
|
MB95F106AJWPFM Datasheet(PDF) 8 Page - Fujitsu Component Limited. |
|
MB95F106AJWPFM Datasheet(HTML) 8 Page - Fujitsu Component Limited. |
8 / 72 page MB95100AM Series 8 ■ DIFFERENCES AMONG PRODUCTS AND NOTES ON SELECTING PRODUCTS • Notes on Using Evaluation Products The Evaluation product has not only the functions of the MB95100AM series but also those of other products to support software development for multiple series and models of the F2MC-8FX family. The I/O addresses for peripheral resources not used by the MB95100AM series are therefore access-barred. Read/write access to these access-barred addresses may cause peripheral resources supposed to be unused to operate, resulting in unexpected malfunctions of hardware or software. Particularly, do not use word access to odd numbered byte address in the prohibited areas (If these access are used, the address may be read or write unexpectedly) . Also, as the read values of prohibited addresses on the evaluation product are different to the values on the flash memory and MASK ROM products, do not use these values in the program. The Evaluation product do not support the functions of some bits in single-byte registers. Read/write access to these bits does not cause hardware malfunctions. Since the Evaluation, Flash memory, and MASK ROM products are designed to behave completely the same way in terms of hardware and software. • Difference of Memory Spaces If the amount of memory on the Evaluation product is different from that of the Flash memory or MASK ROM product, carefully check the difference in the amount of memory from the model to be actually used when developing software. For details of memory space, refer to “ ■ CPU CORE”. • Current Consumption The current consumption of Flash memory product is typically greater than for MASK ROM product. For details of current consumption, refer to “ ■ ELECTRICAL CHARACTERISTICS”. • Package For details of information on each package, refer to “ ■ PACKAGES AND CORRESPONDING PRODUCTS” and “ ■ PACKAGE DIMENSIONS”. • Operating Voltage The operating voltage are different among the Evaluation, Flash memory, and MASK ROM products. For details of operating voltage, refer to “ ■ ELECTRICAL CHARACTERISTICS”. • Difference between RST and MOD Pins The RST and MOD pins are hysteresis inputs on the MASK ROM product. A pull-down resistor is provided for the MOD pin of the MASK ROM product. |
Similar Part No. - MB95F106AJWPFM |
|
Similar Description - MB95F106AJWPFM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |