Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F134JBSPFV Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB95F134JBSPFV
Description  8-bit Microcontrollers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F134JBSPFV Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB95F134JBSPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB95F134JBSPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB95F134JBSPFV Datasheet HTML 9Page - Fujitsu Component Limited. MB95F134JBSPFV Datasheet HTML 10Page - Fujitsu Component Limited. MB95F134JBSPFV Datasheet HTML 11Page - Fujitsu Component Limited. MB95F134JBSPFV Datasheet HTML 12Page - Fujitsu Component Limited. MB95F134JBSPFV Datasheet HTML 13Page - Fujitsu Component Limited. MB95F134JBSPFV Datasheet HTML 14Page - Fujitsu Component Limited. MB95F134JBSPFV Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
MB95130MB Series
11
(Continued)
*1 : FPT-30P-M02
*2 : FPT-28P-M17
*3 : For the I/O circuit type, refer to “
■ I/O CIRCUIT TYPE”.
Pin no.
Pin name
I/O
circuit
type*3
Function
SSOP*1
SOP*2
24
23
P10/UIO
G
General-purpose I/O port
Shared with UART/SIO ch.0 data input (UI0)
25
24
P11/UO0
H
General-purpose I/O port
Shared with UART/SIO ch.0 data output (UO0)
27
25
P12/UCK0/
EC0
General-purpose I/O port
Shared with UART/SIO ch.0 clock I/O (UCK0) and 8/16-bit compound
timer ch.0 clock input (EC0)
28
26
P13/TRG0/
ADTG
General-purpose I/O port
Shared with 16-bit PPG ch.0 trigger input (TRG0) and A/D converter
trigger input (ADTG)
29
27
P14/PPG0
General-purpose I/O port
Shared with 16-bit PPG ch.0 output (PPG0)
30
28
P15
General-purpose I/O port
19,26
NC
Internally connected pins.
Be sure to leave it open.


Similar Part No. - MB95F134JBSPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F134JS FUJITSU-MB95F134JS Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95F134JW FUJITSU-MB95F134JW Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95F134JBSPFV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com