Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F134NBWPFV Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB95F134NBWPFV
Description  8-bit Microcontrollers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F134NBWPFV Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB95F134NBWPFV Datasheet HTML 1Page - Fujitsu Component Limited. MB95F134NBWPFV Datasheet HTML 2Page - Fujitsu Component Limited. MB95F134NBWPFV Datasheet HTML 3Page - Fujitsu Component Limited. MB95F134NBWPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB95F134NBWPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB95F134NBWPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB95F134NBWPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB95F134NBWPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB95F134NBWPFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
MB95130MB Series
5
(Continued)
*1 : For ROM capacity and RAM capacity, refer to “
■ MEMORY LINEUP”.
*2 : For details of option, refer to “
■ MASK OPTION”.
*3 : Specify clock mode when ordering MASK ROM.
*4 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
Note : Part number of evaluation product in MB95130MB series is MB95FV100D-103.
When using it, the MCU board (MB2146-303A) is required.
Part number
Parameter
MB95136MB
MB95
F133MBS/
F134MBS/
F136MBS
MB95
F133NBS/
F134NBS/
F136NBS
MB95
F133MBW/
F134MBW/
F136MBW
MB95
F133NBW/
F134NBW/
F136NBW
MB95
F133JBS/
F134JBS/
F136JBS
MB95
F133JBW/
F134JBW/
F136JBW
8/16-bit
compound
timer
(1 channel)
Each channel of the timer can be used as “8-bit timer x 2 channels” or “16-bit timer x 1 channel”.
Built-in timer function, PWC function, PWM function, capture function and square wave-form output
Count clock: 7 internal clocks and external clock can be selected.
16-bit PPG
(1 channel)
PWM mode or one-shot mode can be selected.
Counter operating clock: Eight selectable clock sources
Support for external trigger start
8/16-bit PPG
(1 channel)
Each channel of the PPG can be used as “8-bit PPG x 2 channels” or “16-bit PPG x 1 channel”.
Counter operating clock: Eight selectable clock sources
Watch
counter
(for dual
clock
product)
(1 channel)
Count clock : Four selectable clock sources (125 ms, 250 ms, 500 ms, or 1 s)
Counter value can be set from 0 to 63. (Capable of counting for 1 minute when selecting clock
source 1 second and setting counter value to 60)
Watch
prescaler
(for dual
clock
product)
(1 channel)
Four selectable interval times (125 ms, 250 ms, 500 ms, or 1 s)
External
interrupt
(8 channels)
Interrupt by edge detection (rising, falling, or both edges can be selected.)
Can be used to recover from standby modes.
Flash memory
Supports automatic programming, Embedded AlgorithmTM *4
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of write/erase cycles (Minimum) : 10000 times
Data retention time : 20 years
Erase can be performed on each block
Block protection with external programming voltage
Flash Security Feature for protecting the content of the Flash
(MB95F136MBS/F136NBS/F136JBS/F136MBW/F136NBW/F136JBW)
Standby mode Sleep, stop, watch (for dual clock product), and timebase timer


Similar Part No. - MB95F134NBWPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F134NS FUJITSU-MB95F134NS Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95F134NW FUJITSU-MB95F134NW Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95F134NBWPFV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com