Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90V925-102 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90V925-102
Description  16-bit Microcontrolle
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90V925-102 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90V925-102 Datasheet HTML 1Page - Fujitsu Component Limited. MB90V925-102 Datasheet HTML 2Page - Fujitsu Component Limited. MB90V925-102 Datasheet HTML 3Page - Fujitsu Component Limited. MB90V925-102 Datasheet HTML 4Page - Fujitsu Component Limited. MB90V925-102 Datasheet HTML 5Page - Fujitsu Component Limited. MB90V925-102 Datasheet HTML 6Page - Fujitsu Component Limited. MB90V925-102 Datasheet HTML 7Page - Fujitsu Component Limited. MB90V925-102 Datasheet HTML 8Page - Fujitsu Component Limited. MB90V925-102 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
MB90925 Series
4
■ PRODUCT LINEUP
MB90F927
MB90F927S
MB90V925-101
MB90V925-102
Type
Flash memory product
Evaluation product
CPU
F2MC-16LX CPU
System clock
PLL clock multiplier circuit (
× 1, × 2, × 3, × 4, 1/2 when PLL stopped)
Minimum instruction execution time 62.5 ns (with 4 MHz oscillation clock
× 4)
Sub clock pin
(X0A, X1A)
Yes
No
Yes
ROM
Flash memory 64 Kbytes
External
RAM
4 Kbytes
13.5 Kbytes
I/O port
70 ports
72 ports
70 ports
SIO
1 channel
LCD segment
32
UART
UART(LIN/SCI) 2 channels
CAN interface
1 channel
16-bit input capture
4 channels
16-bit reload timer
2 channels
16-bit free-run timer
1 channel
Real time watch timer
1 channel
16-bit PPG
3 channels
External interrupt
8 channels
8/10-bit A/D converter
8 channels
LVD/CPU loop reset
Yes
No
Stepping motor controller
4 channels
Sound generator
1 channel
Flash memory security
Yes
No
Operation voltage
3.7 V to 5.5 V
4.5 V to 5.5 V
Packages
QFP-100, LQFP-100
PGA-299
Part number
Parameter


Similar Part No. - MB90V925-102

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90V950AMASCR-ES CYPRESS-MB90V950AMASCR-ES Datasheet
11Mb / 65P
   16-bit Microcontroller
More results

Similar Description - MB90V925-102

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q503H LAPIS-ML620Q503H Datasheet
903Kb / 35P
   Ultra Low Power 16-bit Microcontrolle
logo
Fujitsu Component Limit...
MB89940 FUJITSU-MB89940 Datasheet
357Kb / 38P
   8-bit Proprietary Microcontrolle
logo
ATMEL Corporation
ATMEGA8535 ATMEL-ATMEGA8535 Datasheet
2Mb / 321P
   8-bit Microcontrolle with 8K Bytes In-System Programmable Flash
logo
Intel Corporation
EE87C196KB16 INTEL-EE87C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLE
logo
InnovASIC, Inc
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
logo
Texas Instruments
CY74FCT16374T TI-CY74FCT16374T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Registers
logo
OKI electronic componet...
ML66517 OKI-ML66517 Datasheet
203Kb / 28P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com