Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAA50-2K121512SBN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MAA50-2K121512SBN
Description  Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MAA50-2K121512SBN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MAA50-2K121512SBN Datasheet HTML 1Page - List of Unclassifed Manufacturers MAA50-2K121512SBN Datasheet HTML 2Page - List of Unclassifed Manufacturers MAA50-2K121512SBN Datasheet HTML 3Page - List of Unclassifed Manufacturers MAA50-2K121512SBN Datasheet HTML 4Page - List of Unclassifed Manufacturers MAA50-2K121512SBN Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.aedon.ru
e-mail: alexdon@vmail.ru
tel/fax (4732) 519-518
© “Alexander Electric” holding.
All rights reserved.
http://www.aeps-group.com
e-mail: aeps@aeps-group.com
tel/fax +420-266-107-609
Switching Power Supplies
МАА Series MAA50
Output settings
№ pin
1
2
3
4
5
6
7
8
9
Single-channel
case
~IN (N)
~IN (L)
+out1
+out1
+out1
-out1
-out1
-out1
Dual-channel
case
~IN (N)
~IN (L)
+out1
+out1
-out1
-out1
-out2
+out2
Triple-channel
case
~IN (N)
~IN (L)
-out3
+out3
+out1
-out1
-out2
+out2
Switching on standart diagram
FUin current safety device 1A for input voltage 220VAC, 2A for input voltage 115VAC.
Sout ceramic condenser capacity 0,47-15 mcF with corresponding operating voltage to decrease high-frequency noise level.
Sout2 – electronic condenser capacity 22-100 mcF in consideration with operating voltage and polarity. It makes for purpose to decrease
dynamic instability when module work at dynamic load.
+Out
-Out
~In (L)
~In (N)
Power module
Rheat
Case
Сout1
Сout2
~In (L)
~In (N)
ground
FUin


Similar Part No. - MAA50-2K121512SBN

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MAA512-A SLPOWER-MAA512-A Datasheet
374Kb / 7P
   DC Power Supplies
MAA512-A SLPOWER-MAA512-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
MAA524-A SLPOWER-MAA524-A Datasheet
374Kb / 7P
   DC Power Supplies
MAA524-A SLPOWER-MAA524-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
STANLEY ELECTRIC CO.,LT...
MAA5352K STANLEY-MAA5352K Datasheet
402Kb / 33P
   Single Color Rectangular Shape Type
More results

Similar Description - MAA50-2K121512SBN

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
   SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
   Switching Power Supplies
2.26_2021-05-03
logo
Technology Dynamics Inc...
TCP-5-80 TECHNOLOGY-TCP-5-80 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
TDRSP-1500-5 TECHNOLOGY-TDRSP-1500-5 Datasheet
176Kb / 2P
   SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com