Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1S-3L4T Datasheet(PDF) 6 Page - NEC

Part # EP1S-3L4T
Description  AUTOMOTIVE RELAYS LOW SOUND PRESSURE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EP1S-3L4T Datasheet(HTML) 6 Page - NEC

  EP1S-3L4T Datasheet HTML 1Page - NEC EP1S-3L4T Datasheet HTML 2Page - NEC EP1S-3L4T Datasheet HTML 3Page - NEC EP1S-3L4T Datasheet HTML 4Page - NEC EP1S-3L4T Datasheet HTML 5Page - NEC EP1S-3L4T Datasheet HTML 6Page - NEC EP1S-3L4T Datasheet HTML 7Page - NEC EP1S-3L4T Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
EP2S / EP1S SERIES
NUMBERING SYSTEM
It is necessary to take more than 100 msec intervals for on / off timing between driving Tr1 and Tr2. If the interval
is less than 100 msec, an excessive current happen to flow to the relay contacts.
TYPICAL APPLICATION (H Bridge Type)
MOTOR
Tr1
Tr2
100 ms min.
Tr1
Tr2
STOP
off
off
FORWARD
on
off
REVERSE
off
on
M
Tr1
Tr2
16 V
EP2S
B
3
L
1
S
T
Wiring
Nil : H Bridge Type
T
: Separate Type
Enclosure
Nil : Unsealed (Standard type)
T : Sealed
Operate Voltage
(at 25˚C)
1 : 6.5 V max.
2 : 7.0 V max.
3 : 7.5 V max.
4 : 8.0 V max.
5 : 8.5 V max.
Carrying Current
Nil : Regular type
B : high carrying current type
Type
EP2S
EP1S
Contact Material
L : Silver oxide complex alloy, Type I
N : Silver oxide complex alloy, Type II
G : Silver oxide complex alloy, Type III
Coil Resistance
3 : 225
Ω±10%
4 : 300
Ω±10%


Similar Part No. - EP1S-3L4T

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1S10 ALTERA-EP1S10 Datasheet
3Mb / 290P
   Stratix Device Family Data Sheet
EP1S10 ALTERA-EP1S10 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1S10 ALTERA-EP1S10 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1S10 ALTERA-EP1S10 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1S10 ALTERA-EP1S10 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
More results

Similar Description - EP1S-3L4T

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KBS-20DB-5A KSS-KBS-20DB-5A Datasheet
55Kb / 1P
   Low current consumption - high sound pressure
logo
Murata Manufacturing Co...
PKLCS1212E20A0-R1 MURATA-PKLCS1212E20A0-R1 Datasheet
197Kb / 3P
   high sound pressure level and clear sound
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1 Datasheet
194Kb / 3P
   high sound pressure level and clear sound
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com