Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAA50-2S271512SBN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MAA50-2S271512SBN
Description  Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MAA50-2S271512SBN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MAA50-2S271512SBN Datasheet HTML 1Page - List of Unclassifed Manufacturers MAA50-2S271512SBN Datasheet HTML 2Page - List of Unclassifed Manufacturers MAA50-2S271512SBN Datasheet HTML 3Page - List of Unclassifed Manufacturers MAA50-2S271512SBN Datasheet HTML 4Page - List of Unclassifed Manufacturers MAA50-2S271512SBN Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.aedon.ru
e-mail: alexdon@vmail.ru
tel/fax (4732) 519-518
© “Alexander Electric” holding.
All rights reserved.
http://www.aeps-group.com
e-mail: aeps@aeps-group.com
tel/fax +420-266-107-609
Switching Power Supplies
МАА Series MAA50
Температура окружающей среды Токр, С
90
80
70
60
50
40
30
20
10
0
-10
-20
-30
-40
-50
60
50
40
30
20
10
0
Input specifications
Parameter
Conditions of dimensions
MIN
NOM
MAX
Unit
S
187
220
242
VAC
Steady-state deviation
К
80
115
140
VAC
S
176
264
VAC
Input voltage
Transient deflection, 1 sec
К
80
150
VAC
S
Input frequency
К
47
400
440
Hz
Output specifications
Parameter
Conditions of dimensions
MIN
NOM
MAX
Unit
Single-output execution (Inom 10 – 100%)
±3
%
Output 1 multi-output execution
(Inom 10 – 100%)
±3
%
Uout2&3
differs from
Uout1 less
than 20%
Output 2 and 3 multi-output execution
(Inom 10 – 100%)
±13
%
Output 1 multi-output execution
(Inom 30 – 100%)
±3
%
Total output voltage instability
Uout2&3
differs from
Uout1 more
than 20%
Output 2 and 3 multi-output execution
(Inom 50-100%)
±15
%
Output voltage pulsations ripple
(peak-to-peak)
Dimension by device for pulsation control
2
% Uout.nom.
Current overload protection
actuation level
110
% Iout.nom.
Short circuit protection
Autorepair
150
% Iout.nom.
Overvoltage protection
120
% Uout.nom.
Thermal protection
90-95
°C
General specifications
Parameter
Conditions of dimensions
MIN
NOM
MAX
Unit
- operating of case
N
P
– 40
– 50
+85
+85
°C
– power loss
See diagram
Temperature
– storage
– 50
+85
°C
Efficiency
78
%
Conversion frequency
50
kHz
~ in/out
1500
VAC
~ in/case
1500
VAC
~ out/case
500
VDC
Isolation
~ out/out
500
VDC
Insulation resistance
Voltage 500VDC
20
Ohm
High humidity
Temperature 35°С
98
%
Cyclic overpatching of temperature
– 60
+85
°C
Multiple mechanical shocks
Speeding-up 15g
2
15
ms
Sinusoidal vibration
Speeding-up 5g
50
500
Hz
Atmosphere pressure
6х104
1,2х105
Pa
Time to failure
Temperature 35°C
105
hour
Mass
0,4
kg
all specifications redused for normal climatic conditions, Uin.nom., Iout.nom., if it is not specified differently.
Power loss diagram
Free air
convection
With heat sink
Ambient temperature Tamb, °C


Similar Part No. - MAA50-2S271512SBN

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MAA512-A SLPOWER-MAA512-A Datasheet
374Kb / 7P
   DC Power Supplies
MAA512-A SLPOWER-MAA512-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
MAA524-A SLPOWER-MAA524-A Datasheet
374Kb / 7P
   DC Power Supplies
MAA524-A SLPOWER-MAA524-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
STANLEY ELECTRIC CO.,LT...
MAA5352K STANLEY-MAA5352K Datasheet
402Kb / 33P
   Single Color Rectangular Shape Type
More results

Similar Description - MAA50-2S271512SBN

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
   SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
   Switching Power Supplies
2.26_2021-05-03
logo
Technology Dynamics Inc...
TCP-5-80 TECHNOLOGY-TCP-5-80 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
TDRSP-1500-5 TECHNOLOGY-TDRSP-1500-5 Datasheet
176Kb / 2P
   SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com