Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S-B3G4T Datasheet(PDF) 5 Page - NEC

Part # EP2S-B3G4T
Description  AUTOMOTIVE RELAYS LOW SOUND PRESSURE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EP2S-B3G4T Datasheet(HTML) 5 Page - NEC

  EP2S-B3G4T Datasheet HTML 1Page - NEC EP2S-B3G4T Datasheet HTML 2Page - NEC EP2S-B3G4T Datasheet HTML 3Page - NEC EP2S-B3G4T Datasheet HTML 4Page - NEC EP2S-B3G4T Datasheet HTML 5Page - NEC EP2S-B3G4T Datasheet HTML 6Page - NEC EP2S-B3G4T Datasheet HTML 7Page - NEC EP2S-B3G4T Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
EP2S / EP1S SERIES
COIL RATING
EP2S SERIES
Nominal
Voltage
(Vdc)
12
12
12
12
12
12
Coil
Resistance
(
Ω±10 %)
225
225
225
300
300
300
Must
Operate Voltage
(Vdc max.)
6.5
7.0
7.5
7.5
8.0
8.5
Must
Release Voltage
(Vdc min.)
0.9
0.9
0.9
0.9
0.9
0.9
Nominal
Operate Power
(W)
0.64
0.64
0.64
0.48
0.48
0.48
at 25 ˚C (77 ˚F)
Part Number
H Bridge Type
Separate Type
EP2S-3L1
EP2S-3L1T
EP2S-3L2
EP2S-3L2T
EP2S-3L3
EP2S-3L3T
EP2S-4L3
EP2S-4L3T
EP2S-4L4
EP2S-4L4T
EP2S-4L5
EP2S-4L5T
EP1S SERIES
Nominal
Voltage
(Vdc)
12
12
12
12
12
12
Coil
Resistance
(
Ω±10 %)
225
225
225
300
300
300
Must
Operate Voltage
(Vdc max.)
6.5
7.0
7.5
7.5
8.0
8.5
Must
Release Voltage
(Vdc min.)
0.9
0.9
0.9
0.9
0.9
0.9
Nominal
Operate Power
(W)
0.64
0.64
0.64
0.48
0.48
0.48
Part Number
Regular Type
EP1S-3L1
EP1S-B3G1
EP1S-3L2
EP1S-B3G2
EP1S-3L3
EP1S-B3G3
EP1S-4L3
EP1S-B4G3
EP1S-4L4
EP1S-B4G4
EP1S-4L5
EP1S-B4G5
High Carrying
Current Type
∗ High carrying current type available


Similar Part No. - EP2S-B3G4T

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S130 ALTERA-EP2S130 Datasheet
2Mb / 238P
   Stratix II Device Family
EP2S130 ALTERA-EP2S130 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2S130 ALTERA-EP2S130 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2S130 ALTERA-EP2S130 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2S130 ALTERA-EP2S130 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2S-B3G4T

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KBS-20DB-5A KSS-KBS-20DB-5A Datasheet
55Kb / 1P
   Low current consumption - high sound pressure
logo
Murata Manufacturing Co...
PKLCS1212E20A0-R1 MURATA-PKLCS1212E20A0-R1 Datasheet
197Kb / 3P
   high sound pressure level and clear sound
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1 Datasheet
194Kb / 3P
   high sound pressure level and clear sound
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com