Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F364G Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB91F364G
Description  32-bit RISC Microcontroller
Download  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F364G Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB91F364G Datasheet HTML 1Page - Fujitsu Component Limited. MB91F364G Datasheet HTML 2Page - Fujitsu Component Limited. MB91F364G Datasheet HTML 3Page - Fujitsu Component Limited. MB91F364G Datasheet HTML 4Page - Fujitsu Component Limited. MB91F364G Datasheet HTML 5Page - Fujitsu Component Limited. MB91F364G Datasheet HTML 6Page - Fujitsu Component Limited. MB91F364G Datasheet HTML 7Page - Fujitsu Component Limited. MB91F364G Datasheet HTML 8Page - Fujitsu Component Limited. MB91F364G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 239 page
background image
MB91360G Series
5
MB91F365GB, MB91F366GB, MB91366GA, MB91F367GB, MB91F368GB
Resource Channels
Memory Size
MB91F365GB
MB91F366GB
MB91366GA
MB91F367GB
MB91F368GB
MB91F376G
Cache/Instruction RAM
- / 4 KB
- / 4 KB
- / 4 KB
- / 4 KB
- / 4 KB
D-bus RAM
16 KB
16 KB
16 KB
16 KB
16 KB
F-bus RAM
16 KB
16 KB
16 KB
16 KB
16 KB
Flash/ROM
(F-bus)
512 KB
Fast Flash
512 KB
Normal Flash
512 KB
Fast Flash
512 KB
Fast Flash
768 KB
Fast Flash
Boot ROM
2 KB
2 KB
2 KB
2 KB
2 KB
EDSU
⎯⎯⎯⎯⎯
CAN
2 ch
2 ch
2 ch
2 ch
2 ch
Stepper Motor Control
4 ch
4 ch
⎯⎯
4 ch
Sound Generator
1 ch
1 ch
⎯⎯
1 ch
PPG
8 ch
8 ch
4 ch
4 ch
8 ch
Input Capture
4 ch
4 ch
4 ch
4 ch
4 ch
Output Compare
2 ch
2 ch
2 ch
2 ch
2 ch
Free Running Timer
2 ch
2 ch
2 ch
2 ch
2 ch
D/A Converter
2 ch
⎯⎯⎯⎯
A/D Converter
8 ch
8 ch
8 ch
8 ch
8 ch
I2C 400kHz
1 ch
1 ch
1 ch
1 ch
1 ch
Alarm Comparator
1 ch
1 ch
1 ch
1 ch
1 ch
SIO/SIO Prescaler
2 ch
2 ch
2 ch
2 ch
2 ch
UART/U-Timer
2 ch
2 ch
1 ch
1 ch
2 ch
USART with LIN function
⎯⎯⎯⎯⎯
16-bit Reload Timer
6 ch
6 ch
3 ch
3 ch
6 ch
Ext. Interrupt
8 ch
8 ch
8 ch
8 ch
8 ch
Non Maskable Interrupt
⎯⎯⎯⎯⎯
Real Time Clock
11111
32 kHz Subclock Option for
RTC
no
yes
no
yes
yes
Subclock Calibration
no
yes
no
yes
yes
LED Port
⎯⎯⎯⎯⎯
Power Down Reset
11111
Bit Search Module
11111
Watchdog Timer
11111
Ext. Address Bus
⎯⎯⎯⎯⎯
Ext. Data Bus
⎯⎯⎯⎯⎯
Ext. DMA
⎯⎯⎯⎯⎯
Max Operating Frequency
64 MHz
64 MHz
64 MHz
64 MHz
64 MHz


Similar Part No. - MB91F364G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F361GAPFVS FUJITSU-MB91F361GAPFVS Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F362GAPFVS FUJITSU-MB91F362GAPFVS Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F362GAPFVS FUJITSU-MB91F362GAPFVS Datasheet
2Mb / 206P
   32-BIT RISC MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
MB91F368GA FUJITSU-MB91F368GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
More results

Similar Description - MB91F364G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
   32-BIT RISC MICROCONTROLLER
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
logo
Fujitsu Component Limit...
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
   32-Bit RISC Microcontroller
MB91133 FUJITSU-MB91133 Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
logo
Sanyo Semicon Device
LC680100A SANYO-LC680100A Datasheet
894Kb / 16P
   32-Bit RISC Microcontroller
logo
Fujitsu Component Limit...
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com