Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91353APMT Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB91353APMT
Description  32-bit Microcontroller
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91353APMT Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB91353APMT Datasheet HTML 1Page - Fujitsu Component Limited. MB91353APMT Datasheet HTML 2Page - Fujitsu Component Limited. MB91353APMT Datasheet HTML 3Page - Fujitsu Component Limited. MB91353APMT Datasheet HTML 4Page - Fujitsu Component Limited. MB91353APMT Datasheet HTML 5Page - Fujitsu Component Limited. MB91353APMT Datasheet HTML 6Page - Fujitsu Component Limited. MB91353APMT Datasheet HTML 7Page - Fujitsu Component Limited. MB91353APMT Datasheet HTML 8Page - Fujitsu Component Limited. MB91353APMT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 139 page
background image
DS07-16503-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2003-2007 FUJITSU LIMITED All rights reserved
“Check Sheet” is seen at the following support page
URL : http://www.fujitsu.com/global/services/microelectronics/product/micom/support/index.html
“Check Sheet” lists the minimal requirement items to be checked to prevent problems beforehand in system
development.
Be sure to refer to the “Check Sheet” for the latest cautions on development.
32-bit Microcontroller
CMOS
FR60 MB91350A Series
MB91F355A/F353A/F356B/F357B/355A/354A/
MB91353A/352A/351A/V350A
■ DESCRIPTION
The FR family* is a series of standard single-chip microcontrollers that feature a variety of built-in I/O resources
and bus control functions, and that employ a high-performance 32-bit RISC CPU for embedded control applications
that demand powerful and fast CPU processing capabilities.
This product is one of the FR60 family based on the FR30/40 family CPU with enhanced bus access. The FR60
family is a line of single-chip oriented microcontrollers that incorporate a wealth of peripheral resources.
The FR60 family is optimized for embedded control applications that require high CPU processing power, such
as DVD players, navigation equipment, high performance fax machines, and printer controllers.
* : FR, the abbreviation of FUJITSU RISC controller, is a line of products of FUJITSU Limited.
■ FEATURES
1.
FR CPU
• 32-bit RISC, load/store architecture with a five-stage pipeline
• Maximum operating frequency : 50 MHz (using the PLL at an oscillation frequency of 12.5 MHz)
• 16-bit fixed length instructions (basic instructions), 1 instruction per cycle
• Instruction set optimized for embedded applications : Memory-to-memory transfer, bit manipulation, barrel shift
etc.
• Instructions adapted for high-level languages : Function entry/exit instructions, multiple-register load/store
instructions
• Register interlock functions : Facilitate coding in assemblers
(Continued)


Similar Part No. - MB91353APMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91350A FUJITSU-MB91350A Datasheet
1Mb / 111P
   32-Bit Proprietary Microcontroller
MB91354APMT FUJITSU-MB91354APMT Datasheet
1Mb / 111P
   32-Bit Proprietary Microcontroller
MB91355APMT FUJITSU-MB91355APMT Datasheet
1Mb / 111P
   32-Bit Proprietary Microcontroller
More results

Similar Description - MB91353APMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com