Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91FV319A Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB91FV319A
Description  32-bit Microcontroller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91FV319A Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB91FV319A Datasheet HTML 3Page - Fujitsu Component Limited. MB91FV319A Datasheet HTML 4Page - Fujitsu Component Limited. MB91FV319A Datasheet HTML 5Page - Fujitsu Component Limited. MB91FV319A Datasheet HTML 6Page - Fujitsu Component Limited. MB91FV319A Datasheet HTML 7Page - Fujitsu Component Limited. MB91FV319A Datasheet HTML 8Page - Fujitsu Component Limited. MB91FV319A Datasheet HTML 9Page - Fujitsu Component Limited. MB91FV319A Datasheet HTML 10Page - Fujitsu Component Limited. MB91FV319A Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
MB91319 Series
7
(Continued)
Pin No.
Pin Name
Circuit type
Function
36
AVSS/AVRL
A/D ground
37
PC0
E
General-purpose port
AN0
Analog input
38
PC1
E
General-purpose port
AN1
Analog input
40
PC3
E
General-purpose port
AN3
Analog input
41
PC4
E
General-purpose port
AN4
Analog input
42
PC5
E
General-purpose port
AN5
Analog input
43
PC6
E
General-purpose port
AN6
Analog input
44
PC7
E
General-purpose port
AN7
Analog input
45
P20
E
General-purpose port
AN8
Analog input
46
P21
E
General-purpose port
AN9
Analog input
47
P22
C
General-purpose port
48
P23
C
General-purpose port
49
P24
C
General-purpose port
50
P25
C
General-purpose port
51
P26
C
General-purpose port
52
P27
C
General-purpose port
53
P30
C
General-purpose port
54
P31
C
General-purpose port
55
P32
C
General-purpose port
56
VDDE
3.3 V power supply
57
X0
A
10 MHz oscillation pin
58
VSS
Ground
59
X1
A
10 MHz oscillation pin
60
VDDI
Internal logic power supply
61
TRST
B
DSU tool reset (In MB91F318A, this pin is the open pin so do
not connect with other pins.)


Similar Part No. - MB91FV319A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91FV319R FUJITSU-MB91FV319R Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
MB91FV319RPMC-ESE1 FUJITSU-MB91FV319RPMC-ESE1 Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
More results

Similar Description - MB91FV319A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com