Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91270 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB91270
Description  32-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91270 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB91270 Datasheet HTML 1Page - Fujitsu Component Limited. MB91270 Datasheet HTML 2Page - Fujitsu Component Limited. MB91270 Datasheet HTML 3Page - Fujitsu Component Limited. MB91270 Datasheet HTML 4Page - Fujitsu Component Limited. MB91270 Datasheet HTML 5Page - Fujitsu Component Limited. MB91270 Datasheet HTML 6Page - Fujitsu Component Limited. MB91270 Datasheet HTML 7Page - Fujitsu Component Limited. MB91270 Datasheet HTML 8Page - Fujitsu Component Limited. MB91270 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
DS07-16801-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2005-2007 FUJITSU LIMITED All rights reserved
“Check Sheet” is seen at the following support page
URL : http://www.fujitsu.com/global/services/microelectronics/product/micom/support/index.html
“Check Sheet” lists the minimal requirement items to be checked to prevent problems beforehand in system
development.
Be sure to refer to the “Check Sheet” for the latest cautions on development.
32-bit Microcontroller
CMOS
FR60Lite MB91270 Series
MB91F273(S)/MB91F278(S)/MB91V280
■ DESCRIPTION
The MB91270 series is single chip microcontroller that builds various I/O resources and the bus control mecha-
nisms into by using 32-bit efficient RISC CPU for the built-in control being demanded for CPU processing high per-
formance/high-speed. RAM (for reading data) is included in order to support CPU to access to the vast address
space and to speed up the execution of CPU instructions. This series is optimized to the embedded applications;
automotive applications such as car audio or car air-conditioning equipment that require high-performance CPU
processing power.
It is designed based on the FR-family* CPU.
* : FR, the abbreviation of FUJITSU RISC controller, is a line of products of FUJITSU Limited.
■ FEATURES
• FR CPU characteristics
• 32-bit RISC, load/store architecture with a five-stage pipeline
• Maximum operating frequency: 32 MHz (using the PLL at an oscillation frequency of 4 MHz)
• 16-bit fixed length instructions (basic instructions), 1 instruction per cycle
• Function entry/exit instructions, multiple - register load/store instructions :
Instructions adapted for high - level languages
• Memory-to-memory transfer, bit manipulation, barrel shift instruction etc.:
Instruction optimized for embedded applications
(Continued)


Similar Part No. - MB91270

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91210 FUJITSU-MB91210 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91213 FUJITSU-MB91213 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91213PMC-GSE1 FUJITSU-MB91213PMC-GSE1 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91220 FUJITSU-MB91220 Datasheet
943Kb / 88P
   32-bit Microcontroller
MB91220S FUJITSU-MB91220S Datasheet
943Kb / 88P
   32-bit Microcontroller
More results

Similar Description - MB91270

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com