Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91FV319RPMC-ESE1 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB91FV319RPMC-ESE1
Description  32-bit Proprietary Microcontrollers
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91FV319RPMC-ESE1 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB91FV319RPMC-ESE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB91FV319RPMC-ESE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB91FV319RPMC-ESE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB91FV319RPMC-ESE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB91FV319RPMC-ESE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB91FV319RPMC-ESE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB91FV319RPMC-ESE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB91FV319RPMC-ESE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB91FV319RPMC-ESE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
MB91319R Series
4
(Continued)
• OSDC function
• RGB: each 3 bits (16 colors available among 512 colors)
• Analog RGB output: Max 50 MHz
• Digital RGB output: Max 90 MHz
• A font in 24
× 32 dots can be displayed up to 80 × 32.
• Two-layered display of MAIN/CC (Font in CC layer is fixed at 18 dots in horizontal axis)
• 4096 characters at the maximum (including 16 characters for font RAM)
• Closed caption decoder function
• 2 channels are incorporated.
• CC decode function
• ID-1 (480i/480p) decode function
• PLL for video clock
• 3 PLLs generating dot clock and VBI clock
• Other interval timer
• 16-bit timer : 3 channels
• Watchdog timer
• I/O port
• Max 88 ports
• Other features
• Built-in oscillation circuit as clock source
•INIT is prepared as a reset pin.
• Watchdog timer reset and software reset are also available.
• Stop mode and sleep mode are supported as low-power consumption mode.
• Gear function
• Built-in time-base timer
• Package : LQFP-176, 0.5mm pitch, 24 mm
× 24 mm
• CMOS technology : 0.18
µm
• Power supply voltage : 3.3 V
± 0.3 V, 1.8 V ± 0.15 V 2-power supply
* : “Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these
components in an I2C system provided that the system conforms to the I2C Standard Specification as defined
by Philips.”


Similar Part No. - MB91FV319RPMC-ESE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91FV319A FUJITSU-MB91FV319A Datasheet
735Kb / 66P
   32-bit Microcontroller
MB91FV319APMT-ES FUJITSU-MB91FV319APMT-ES Datasheet
735Kb / 66P
   32-bit Microcontroller
More results

Similar Description - MB91FV319RPMC-ESE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
MB91F155 FUJITSU-MB91F155 Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91151A FUJITSU-MB91151A Datasheet
815Kb / 94P
   32-bit Proprietary Microcontrollers
MB91F155A FUJITSU-MB91F155A Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91F158 FUJITSU-MB91F158 Datasheet
740Kb / 90P
   32-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com