Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91220 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB91220
Description  32-bit Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91220 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB91220 Datasheet HTML 7Page - Fujitsu Component Limited. MB91220 Datasheet HTML 8Page - Fujitsu Component Limited. MB91220 Datasheet HTML 9Page - Fujitsu Component Limited. MB91220 Datasheet HTML 10Page - Fujitsu Component Limited. MB91220 Datasheet HTML 11Page - Fujitsu Component Limited. MB91220 Datasheet HTML 12Page - Fujitsu Component Limited. MB91220 Datasheet HTML 13Page - Fujitsu Component Limited. MB91220 Datasheet HTML 14Page - Fujitsu Component Limited. MB91220 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
MB91220/S Series
11
(Continued)
Pin No.
Pin name
I/O
circuit
type*
Function
42
PB2
I
General-purpose I/O port
PPG10H
PPG timer 10 output: Valid when the output specification is permitted on
PPG timer 10.
43
PB3
I
General-purpose I/O port
PPG11H
PPG timer 11 output: Valid when the output specification is permitted on
PPG timer 11.
44
PB4
H
General-purpose I/O port
PWM1P1
Stepping motor controller PWM output pin
45
PB5
H
General-purpose I/O port
PWM1M1
Stepping motor controller PWM output pin
46
PB6
H
General-purpose I/O port
PWM2P1
Stepping motor controller PWM output pin
47
PB7
H
General-purpose I/O port
PWM2M1
Stepping motor controller PWM output pin
48
PC0
H
General-purpose I/O port
PWM1P0
Stepping motor controller PWM output pin
49
PC1
H
General-purpose I/O port
PWM1M0
Stepping motor controller PWM output pin
50
PC2
H
General-purpose I/O port
PWM2P0
Stepping motor controller PWM output pin
51
PC3
H
General-purpose I/O port
PWM2M0
Stepping motor controller PWM output pin
136
PD0
K
General-purpose I/O port
TIN0
External event input pin for reload timer 0
IN0
Trigger input for input capture 0: Valid when input capture trigger input is
permitted and an input port is specified. If this pin is selected for input capture
input, it is used as necessary for input. Therefore the port output needs to be
disabled except when it is used intentionally.
PWC0
PWC0 pulse width counter 0 input: Valid when the PWC0 pulse width
counter 0 input is permitted.
INT2
External interrupt input. Because those inputs are used as necessary while
the pertinent external interrupt is enabled, the port outputs need to be dis-
abled except when they are used intentionally.
V0
LCD driver power supply input pin


Similar Part No. - MB91220

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91210 FUJITSU-MB91210 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91213 FUJITSU-MB91213 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91213PMC-GSE1 FUJITSU-MB91213PMC-GSE1 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91233L FUJITSU-MB91233L Datasheet
861Kb / 66P
   32-bit Microcontroller
More results

Similar Description - MB91220

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com