Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F211 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB91F211
Description  32-bit Proprietary Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F211 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB91F211 Datasheet HTML 2Page - Fujitsu Component Limited. MB91F211 Datasheet HTML 3Page - Fujitsu Component Limited. MB91F211 Datasheet HTML 4Page - Fujitsu Component Limited. MB91F211 Datasheet HTML 5Page - Fujitsu Component Limited. MB91F211 Datasheet HTML 6Page - Fujitsu Component Limited. MB91F211 Datasheet HTML 7Page - Fujitsu Component Limited. MB91F211 Datasheet HTML 8Page - Fujitsu Component Limited. MB91F211 Datasheet HTML 9Page - Fujitsu Component Limited. MB91F211 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
MB91210 Series
6
■ PIN DESCRIPTIONS
• Pin Functions
(Continued)
Pin no.
Pin name
Function
name
I/O circuit
type*3
Function
LQFP*1
LQFP*2
106
X0
X0
OA
OB
Oscillator input pin
107
X1
X1
Oscillator output pin
68
101
INITX
INITX
D
System reset input pin
72
105
MD3
MD3
E
Operation mode input pin
71 to 69
104 to 102 MD2 to MD0
MD2 to MD0
C
Operation mode input pins
76
109
X0A
X0A
WA
WB
Sub-oscillation input pin
77
110
X1A
X1A
Sub-oscillation output pin
78
113
P00
P00
A
General purpose I/O port
SIN5
UART5 data input
INT8R
External interrupt 8 input (select with P70)
79
114
P01
P01
A
General purpose I/O port
SOT5
UART5 data output
INT9R
External interrupt 9 input (select with P71)
80
115
P02
P02
A
General purpose I/O port
SCK5
UART5 clock I/O
INT10R
External interrupt 10 input (select with P32)
81
116
P03
P03
A
General purpose I/O port
SIN6
UART6 data input
INT11R
External interrupt 11 input (select with P33)
82
117
P04
P04
A
General purpose I/O port
SOT6
UART6 data output
INT12R
External interrupt 12 input (select with P34)
83
118
P05
P05
A
General purpose I/O port
SCK6
UART6 clock I/O
INT13R
External interrupt 13 input (select with P35)
84
119
P06
P06
A
General purpose I/O port
OUT4
OCU4 output
INT14R
External interrupt 14 input (select with P36)
85
120
P07
P07
A
General purpose I/O port
OUT5
OCU5 output
INT15R
External interrupt 15 input (select with P37)
86
121
P10
P10
A
General purpose I/O port
TIN1
External event input of reload timer 1


Similar Part No. - MB91F211

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F223 FUJITSU-MB91F223 Datasheet
943Kb / 88P
   32-bit Microcontroller
MB91F223PFV-GSE1 FUJITSU-MB91F223PFV-GSE1 Datasheet
943Kb / 88P
   32-bit Microcontroller
MB91F223S FUJITSU-MB91F223S Datasheet
943Kb / 88P
   32-bit Microcontroller
MB91F223SPFV-GSE1 FUJITSU-MB91F223SPFV-GSE1 Datasheet
943Kb / 88P
   32-bit Microcontroller
MB91F233 FUJITSU-MB91F233 Datasheet
298Kb / 66P
   32-bit Microcontroller
More results

Similar Description - MB91F211

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91191 FUJITSU-MB91191 Datasheet
435Kb / 33P
   32-bit Proprietary Microcontroller
MB91265 FUJITSU-MB91265 Datasheet
549Kb / 54P
   32-bit Proprietary Microcontroller
MB91350A FUJITSU-MB91350A Datasheet
1Mb / 111P
   32-Bit Proprietary Microcontroller
logo
Fuji Electric
MB91301 FUJI-MB91301 Datasheet
1Mb / 135P
   32-Bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB91310 FUJITSU-MB91310 Datasheet
551Kb / 59P
   Proprietary 32-bit Microcontroller
MB91F264B FUJITSU-MB91F264B Datasheet
720Kb / 60P
   32-bit Proprietary Microcontroller CMOS
MB91F312A FUJITSU-MB91F312A Datasheet
599Kb / 59P
   Proprietary 32-bit Microcontroller CMOS
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com