Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F278SPMC Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB91F278SPMC
Description  32-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F278SPMC Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB91F278SPMC Datasheet HTML 5Page - Fujitsu Component Limited. MB91F278SPMC Datasheet HTML 6Page - Fujitsu Component Limited. MB91F278SPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB91F278SPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB91F278SPMC Datasheet HTML 9Page - Fujitsu Component Limited. MB91F278SPMC Datasheet HTML 10Page - Fujitsu Component Limited. MB91F278SPMC Datasheet HTML 11Page - Fujitsu Component Limited. MB91F278SPMC Datasheet HTML 12Page - Fujitsu Component Limited. MB91F278SPMC Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
MB91270 Series
9
* : Refer to “
■ I/O CIRCUIT TYPE” for the I/O circuit type.
(Continued)
Pin No.
Pin name
Function
name
I/O circuit
type*
Function
87
P14/AD12/
SCK3
P14
T
General-purpose I/O port.
This function is enabled in single-chip mode.
AD12
External address/data bus I/O pin bit 12
This function is enabled when the external bus is enabled.
SCK3
Clock I/O pin for LIN-UART3
92
P15/AD13/
SIN4
P15
T
General-purpose I/O port.
This function is enabled in single-chip mode.
AD13
External address/data bus I/O pin bit 13
This function is enabled when the external bus is enabled.
SIN4
Serial data input pin for LIN-UART4
93
P16/AD14/
SOT4
P16
T
General-purpose I/O port.
This function is enabled in single-chip mode.
AD14
External address/data bus I/O pin bit 14
This function is enabled when the external bus is enabled.
SOT4
Serial data output pin for LIN-UART4
94
P17/AD15/
SCK4
P17
T
General-purpose I/O port.
This function is enabled in single-chip mode.
AD15
External address/data bus I/O pin bit 15
This function is enabled when the external bus is enabled.
SCK4
Clock I/O pin for LIN-UART4
Port 2
95
P20/A16/
PPG9
P20
A
General-purpose I/O port.
This function is enabled in single-chip mode.
A16
External address bus output pin bit 16
This function is enabled when the external bus is enabled.
PPG9
Output pin for PPG9
96
P21/A17/
PPGB
P21
A
General-purpose I/O port.
This function is enabled in single-chip mode.
A17
External address bus output pin bit 17
This function is enabled when the external bus is enabled.
PPGB
Output pin for PPGB
97
P22/A18/
PPGD
P22
A
General-purpose I/O port.
This function is enabled in single-chip mode.
A18
External address bus output pin bit 18
This function is enabled when the external bus is enabled.
PPGD
Output pin for PPGD


Similar Part No. - MB91F278SPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F211 FUJITSU-MB91F211 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91F211PMC-GSE1 FUJITSU-MB91F211PMC-GSE1 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91F213 FUJITSU-MB91F213 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91F213PMC-GSE1 FUJITSU-MB91F213PMC-GSE1 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91F223 FUJITSU-MB91F223 Datasheet
943Kb / 88P
   32-bit Microcontroller
More results

Similar Description - MB91F278SPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com