Part Name
         Description
MB82DBS16164A-80L

 256 Mbit Mobile FCRAM 1.8 V, SDR Burst Mode ( 1 Page)


FUJITSU
100% 
Zoom Out Zoom In
   
 1 page
background image
FUJITSU SEMICONDUCTOR
INTRODUCTION SHEET
September, 2007
1/1
Copyright©2007 FUJITSU LIMITED All rights reserved
NP05-11446-2E
256 Mbit Mobile FCRAM
TM
1.8 V, SDR Burst Mode
MB82DBS16164A-80L
FEATURES
Pseudo SRAM with Single Data Rate (SDR) Burst Interface
Compliant with Common Specifications for Mobile RAM (COSMORAM) Revision 3
SDR Burst Mode Function
Asynchronous Mode Capability
Byte Control by LB
_____
, UB
______
Various Power Down Mode
Sleep
32 Mbit Partial
64 Mbit Partial
128 Mbit Partial
Shipping Form : Wafer and Chip
MAIN SPECIFICATIONS
Note: FCRAM is a trademark of Fujitsu Limited, Japan.
Part Number
MB82DBS16164A-80L
Organization
16 M WORD
× 16 BIT
Supply Voltage
1.7 V to 1.95 V
Burst Data Transfer Interface
Single Data Rate (SDR)
Burst Frequency (Max.)
100 MHz
Data Transfer Rate (Max.)
200M byte / s
CLK Access Time (Max.)
RL=8, 7
7 ns
Active Current (Max.)
40 mA
Standby Current (Max.)
250
μA
Power Down Current (Max.)
Sleep
10
μA
1 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB82DBS08314A-80L256 Mbit Mobile FCRAM 1.8 V SDR Burst Mode 1 Fujitsu Component Limited.
MB82DDS08314A-75L256 Mbit Mobile FCRAM 1.8 V DDR Burst Mode 1 Fujitsu Component Limited.
MB82DBS02154E-70L32 Mbit Mobile FCRAM 1.8 V Burst Mode Multiplexed Address and Data Bus 1 Fujitsu Component Limited.
MB82DBS04154E-70L64 Mbit Mobile FCRAM 1.8 V Burst Mode Multiplexed Address and Data Bus 1 Fujitsu Component Limited.
MB82DBS04164E-70L64 Mbit Mobile FCRAM 1.8 V Burst Mode & Page Mode 1 Fujitsu Component Limited.
MB82DBS02163E-70L32 Mbit Mobile FCRAM 1.8 V Burst Mode & Page Mode 1 Fujitsu Component Limited.
M58LT256JST256 Mbit 16 Mb × 16 multiple bank multilevel burst 1.8 V supply secure Flash memories 1 2 3 4 5 MoreSTMicroelectronics
AM42BDS6408HCMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory and 8 Mbit 512 K x 16-Bit SRAM 1 2 3 4 5 MoreSPANSION
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
MB82DP02183E-65L32 Mbit Mobile FCRAM 3.0 V Page Mode 1 Fujitsu Component Limited.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl