Part Name
         Description
FSQ0565R

 Green-Mode Fairchild Power Switch (FPS™) for Quasi-Resonant Operation - Low EMI and High Efficiency ( 22 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0565R, FSQ0765R Rev. 1.0.0
6
Electrical Characteristics
TA = 25°C unless otherwise specified.
Continued on the following page...
Symbol
Parameter
Condition
Min. Typ. Max. Unit
SENSEFET SECTION
BVDSS
Drain Source Breakdown Voltage
VCC = 0V, ID = 100µA
650
V
IDSS
Zero-Gate-Voltage Drain Current
VDS = 560V
250
µA
RDS(ON)
Drain-Source On-State
Resistance
FSQ0565R
TJ = 25°C, ID = 0.5A
1.76
2.20
Ω
FSQ0765R
TJ = 25°C, ID = 0.5A
1.4
1.6
COSS
Output Capacitance
FSQ0565R
VGS = 0V, VDS = 25V, f = 1MHz
78
pF
FSQ0765R
100
td(on)
Turn-On Delay Time
FSQ0565R
VDD = 350V, ID = 25mA
22
ns
FSQ0765R
25
tr
Rise Time
FSQ0565R
VDD = 350V, ID = 25mA
52
ns
FSQ0765R
60
td(off)
Turn-Off Delay Time
FSQ0565R
VDD = 350V, ID = 25mA
95
ns
FSQ0765R
115
tf
Fall Time
FSQ0565R
VDD = 350V, ID = 25mA
50
ns
FSQ0765R
65
CONTROL SECTION
tON.MAX
Maximum On Time
TJ = 25°C
8.8
10.0
11.2
µs
tB
Blanking Time
TJ = 25°C, Vsync = 5V
13.2
15.0
16.8
µs
tW
Detection Time Window
TJ = 25°C, Vsync = 0V
6.0
µs
fS
Initial Switching Frequency
59.6
66.7
75.8
kHz
ΔfS
Switching Frequency Variation(9)
-25°C < TJ < 85°C
±5
±10
%
tAVS
AVS Triggering
Threshold(9)
On Time
at VIN = 240VDC, Lm = 360μH
(AVS triggered when VAVS>spec
& tAVS<spec.)
4.0
µs
VAVS
Feedback
Voltage
1.2
V
tSW
Switching Time Variance by AVS(9)
Sync = 500kHz sine input
VFB = 1.2V, tON = 4.0µs
13.5
20.5
µs
IFB
Feedback Source Current
VFB = 0V
700
900
1100
µA
DMIN
Minimum Duty Cycle
VFB = 0V
0
%
VSTART
UVLO Threshold Voltage
11
12
13
V
VSTOP
After turn-on
7
8
9
V
tS/S
Internal Soft-Start Time
With free-running frequency
17.5
ms
BURST-MODE SECTION
VBURH
Burst-Mode Voltages
TJ = 25°C, tPD = 200ns(8)
0.45
0.55
0.65
V
VBURL
0.25
0.35
0.45
V
Hysteresis
200
mV
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
FSQ0365_07Green Mode Fairchild Power Switch FPS™ for Valley Switching Converter 1 2 3 4 5 MoreFairchild Semiconductor
NCP1030_06Low Power PWM Controller with On−Chip Power Switch and Startup Circuits for 48V Telecom Systems 1 2 3 4 5 MoreON Semiconductor
AAT1236High Efficiency White LED Drivers for Backlight and Keypad 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
ISL4489E_06±15kV ESD Protected 1/8 Unit Load 5V Low Power High Speed and Slew Rate Limited Full Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
NE5500179A4.8 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 AND GSM1900 TRANSMISSION AMPLIFIERS 1 2 3 4 5 California Eastern Labs
UPG2181T5RGaAs INTEGRATED CIRCUIT HIGH POWER DP4T SWITCH FOR WiMAX 1 2 3 4 5 MoreCalifornia Eastern Labs
FAN4855500mA High Efficiency Boost Regulator with Adjustable Output Shutdown and Low Battery Detect 1 2 3 4 5 MoreFairchild Semiconductor
IR3316SLOW EMI CURRENT SENSE HIGH SIDE SWITCH 1 2 3 4 5 MoreInternational Rectifier
AAT2805Dual High Efficiency Charge Pump for White LED and Flash Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl