Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS142WAF Datasheet(PDF) 1 Page - AUK corp

Part # SDS142WAF
Description  Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDS142WAF Datasheet(HTML) 1 Page - AUK corp

  SDS142WAF_1 Datasheet HTML 1Page - AUK corp SDS142WAF_1 Datasheet HTML 2Page - AUK corp SDS142WAF_1 Datasheet HTML 3Page - AUK corp SDS142WAF_1 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-3009-003
1
SDS142WAF
Switching Diode
Features
• SMD package : SOT-323F
• Low forward voltage : VF=0.9V(Typ.)
• Fast reverse recovery time : trr=1.6 (Typ.)
• Small total capacitance : CT=2.2 (Typ.)
Ordering Information
Type No.
Marking
Package Code
SDS142WAF
A2
SOT-323F
Outline Dimensions
unit : mm
PIN Connections
1. Cathode
2. Cathode
3. Anode, Anode
S
Seem
miiccoon
nd
du
uccttoorr
1
3
2
1.95~2.25
1.20~1.40
3
1
2


Similar Part No. - SDS142WAF_1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDS142WAF AUK-SDS142WAF Datasheet
104Kb / 3P
   Switching Diode
logo
KODENSHI_AUK CORP.
SDS142WAF KODENSHI-SDS142WAF Datasheet
248Kb / 5P
   Small Signal Fast Switching Diode
More results

Similar Description - SDS142WAF_1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com