Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV121 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 1SV121
Description  Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

1SV121 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  1SV121 Datasheet HTML 1Page - Hitachi Semiconductor 1SV121 Datasheet HTML 2Page - Hitachi Semiconductor 1SV121 Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
26.0 Min
2.4 Max
26.0 Min
Cathode band (Verdue)
12
1 Cathode
2 Anode
Unit: mm
Package Dimensions
1SV121
HITACHI Code
MHD
JEDEC Code
DO-34
EIAJ Code
Weight (g)
0.084


Similar Part No. - 1SV121

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
1SV121 TAYCHIPST-1SV121 Datasheet
5Mb / 2P
   SILICON EPITAXIAL PLANAR PIN DIODE
More results

Similar Description - 1SV121

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVB187YP RENESAS-HVB187YP Datasheet
147Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
logo
Hitachi Semiconductor
HVM14 HITACHI-HVM14 Datasheet
27Kb / 6P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM187WK HITACHI-HVM187WK Datasheet
28Kb / 6P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Renesas Technology Corp
HVB190S RENESAS-HVB190S Datasheet
146Kb / 5P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVC190 RENESAS-HVC190 Datasheet
142Kb / 5P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM189S RENESAS-HVM189S Datasheet
156Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
HVB14S RENESAS-HVB14S Datasheet
146Kb / 5P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14 RENESAS-HVM14 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14S RENESAS-HVM14S Datasheet
70Kb / 5P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14SR RENESAS-HVM14SR Datasheet
71Kb / 5P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com