Part Name
         Description
SG6858

 Low-Cost, Green-Mode PWM Controller for Flyback Converters ( 13 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 6 page
background image
Product Specification
Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6858
© System General Corp.
- 6 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.2.1 (IAO33.0045.B2)
September 25, 2007
TYPICAL CHARACTERISTICS
Turn-On Threashold Voltage (VDD-ON) vs
Temperature
15.5
16.0
16.5
17.0
17.5
-40
-25 -10
5
2035
5065
8095
110 125
Temperature (℃)
Turn-off Threshold Voltage (VDD-OFF) vs
Temperature
10.5
10.9
11.3
11.7
12.1
12.5
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (℃)
Startup Current(IDD-ST) vs Temperature
0
5
10
15
20
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (℃)
Operating Supply Current (IDD-OP) vs Temperature
1.5
2.0
2.5
3.0
3.5
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (℃)
Frequency (FOSC) vs Temperature
65
67
69
71
73
75
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (℃)
Maximum Duty Cycle (DCYMAX) vs Temperature
70
72
74
76
78
80
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (℃)
VDD=15V
VDD=15V
VDD=15V
VDD=15V
1  2  3  4  5  6  7  8  9  10  11  12  13 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP1212_05Current Mode PWM Controller for Both Forward and Flyback Converters 1 2 3 4 5 MoreON Semiconductor
SP6128A_05Low Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SG6849Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NCP1280_05Active Clamp Voltage Mode PWM Controller for Off-Line Applications 1 2 3 4 5 MoreON Semiconductor
SG5841Highly Integrated Green-Mode PWM Controller 1 2 3 4 5 MoreFairchild Semiconductor
NCP1337PWM Current−Mode Controller for Free Running Quasi−Resonant Operation 1 2 3 4 5 MoreON Semiconductor
NCP1377_06PWM Current−Mode Controller for Free−Running Quasi−Resonant Operation 1 2 3 4 5 MoreON Semiconductor
ISL6566_06Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9 VRM10 and AMD Hammer Applications 1 2 3 4 5 MoreIntersil Corporation
NCP1378_06PWM Current−Mode Controller for Free−Running Quasi−Resonant Operation 1 2 3 4 5 MoreON Semiconductor
AP3700LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl