Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A705NFT-210 Datasheet(PDF) 6 Page - ADDtek Corp

Part # A705NFT-210
Description  200mA ~ 300mA ADVANCED CURRENT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

A705NFT-210 Datasheet(HTML) 6 Page - ADDtek Corp

  A705NFT-210 Datasheet HTML 1Page - ADDtek Corp A705NFT-210 Datasheet HTML 2Page - ADDtek Corp A705NFT-210 Datasheet HTML 3Page - ADDtek Corp A705NFT-210 Datasheet HTML 4Page - ADDtek Corp A705NFT-210 Datasheet HTML 5Page - ADDtek Corp A705NFT-210 Datasheet HTML 6Page - ADDtek Corp A705NFT-210 Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A705
Copyright
© 2007 ADDtek Corp.
6
DD077_A -- AUGUST 2007
Top Marking for TO-252
X : Output Current Options
P = 210mA; Q = 230mA; R = 250mA; S = 270mA; T = 290mA
Y : Year Code
WW : Week Code
V : Vendor Code
LLLLL.L : Lot Number
A7 0 5 X
YWWVV
LLLLL. L
3-Pin Surface Mount TO-252
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.086
-
0.094
2.18
-
2.39
A1 0.040
-
0.050
1.02
-
1.27
b
-
0.024
-
-
0.61
-
b2 0.205
-
0.215
5.21
-
5.46
c
0.018
-
0.023
0.46
-
0.58
c1 0.018
-
0.023
0.46
-
0.58
D
0.210
-
0.220
5.33
-
5.59
E
0.250
-
0.265
6.35
-
6.73
e
0.090 BSC
2.29 BSC
e1
0.180 BSC
4.58 BSC
H
0.370
-
0.410
9.40
-
10.41
L
0.020
-
-
0.51
-
-
L1 0.025
-
0.040
0.64
-
1.02
L2 0.060
-
0.080
1.52
-
2.03
b2
E
L2
D
b
e
e1
L1
SEATING PLAN
H
L
c
c1
A1
A


Similar Part No. - A705NFT-210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A705430012 MOLEX8-A705430012 Datasheet
429Kb / 4P
   2.54mm (.100") Pitch SL Header, Single Row, Vertical, .120" Pocket, Shrouded, 13 Circuits, 0.38um
A705430056 MOLEX8-A705430056 Datasheet
429Kb / 4P
   2.54mm (.100") Pitch SL Header, Single Row, Vertical, .120" Pocket, Shrouded, 22 Circuits, Tin (Sn) Plating
A705530014 MOLEX8-A705530014 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL??Header
A705530024 MOLEX8-A705530024 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL Header, Low Profile, Single Row, Right Angle, .120" Pocket, Shrouded, 25 Circuits
A705530039 MOLEX8-A705530039 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL??Header, Low Profile, Single Row, Right Angle, .120" Pocket, Shrouded, 5 Circuits, Tin (Sn) Plating
More results

Similar Description - A705NFT-210

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
logo
Linear Technology
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
logo
Seaward Electronics Inc...
SE9135 SEAWARD-SE9135 Datasheet
186Kb / 4P
   350mA Advanced Current Regulator
logo
ADDtek Corp
AMC7135 ADDTEK-AMC7135 Datasheet
249Kb / 6P
   350mA ADVANCED CURRENT REGULATOR
APRIL 2007
logo
Torex Semiconductor
XC62FJ TOREX-XC62FJ Datasheet
413Kb / 16P
   10V Input, 200mA Low Consumption Current Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com