Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44BC373CDTBR2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC44BC373CDTBR2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373CDTBR2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC44BC373CDTBR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BC373CDTBR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC373CDTBR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC373CDTBR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC373CDTBR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BC373CDTBR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BC373CDTBR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BC373CDTBR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BC373CDTBR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Modulator High Frequency Characteristics
MC44BC373C/374C Technical Data
9 Modulator High Frequency Characteristics
Unless otherwise stated: Vcc=5.0V, Ambient Temperture=25
o C, Video Input 1V
p-p, 10-step grayscale.
RF inputs/outputs into 75Ohm load. SPECIFICATIONS ONLY VALID FOR ENVELOPE
DEMODULATION.
Figure 3. Typical Performance
Parameter
Test Conditions
Min
Typ
Max
Unit
Type
TVOUT output level
Output signal from modulator section
See Figure 3. See Note 2
73
74.5
77
dB
µVB
UHF oscillator frequency
460
880
MHz
A
VHF range
From UHF oscillator internally divided
45
460
MHz
B
TVOUT output attenuation
During transient output inhibit, or when
ATT bit is set to 1. See Figure 3.
SeeNote2
50
60
dBc
B
Sound subcarrier harmonics (Fp
+n∗Fs) Reference picture carrier. See Note 2
63
58
dBc
C
Second harmonic of chroma subcarrier
Using red EBU bar. See Note 2
65
dBc
C
Chroma/Sound intermodulation:
Fp
+ (Fsnd – Fchr)
Using red EBU bar.See Note 2
65
dBc
C
Fo (picture carrier) harmonics
2nd harmonic: CH21
3rd harmonic: CH21
Other channels: See Figure 3.
See NOTE 1. See Note 2
35
26
30
22
dBc
C
Out band (picture carrier) spurious
1/2
∗Fo–1/4∗Fo–3/2∗Fo–3/4∗Fo
From 40MHz to 1GHz. See Note 2
—0
10
dB
µVC
In band spurious (Fo ± 5MHz)
No video sound modulation.See Note 2
60
dBc
C
Note:
1: Picture carrier harmonics are highly dependant on PCB layout and decoupling capacitors.
Note:
2: See “Characterization Measurement Conditions” on page 12.
TV Outp ut Le v e l
72
73
74
75
76
77
78
47 1 52 1 5 71 621 67 1 72 1 7 71 821 871
Fr e que nc y (M hz )
T V Ou tp u t A t te n u a t io n
45
50
55
60
65
70
75
471 521 571 621 671 721 771 821 871
Fr e q u e n c y ( M h z )
3Fo Har m o n ics
15
20
25
30
35
40
45
47 1 521 571 621 671 721 771 821 871
Fr e que nc y ( M h z )
2Fo Har m o n ics
15
20
25
30
35
40
47 1 521 571 621 671 721 771 821 871
Fr e que ncy ( M h z)
Typical
Maximum specification
Typical
Typical
Typical
Minimum specification
Maximum specification
Maximum specification
Maximum specification
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC44BC373CDTBR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC373 MOTOROLA-MC44BC373 Datasheet
635Kb / 24P
   Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
MC44BC373DTB MOTOROLA-MC44BC373DTB Datasheet
635Kb / 24P
   Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
More results

Similar Description - MC44BC373CDTBR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Motorola, Inc
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
   PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
   PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
   PLL Tuned VHF Audio/Video High Integration IC
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
logo
Freescale Semiconductor...
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com