Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC2444 Datasheet(PDF) 8 Page - ADDtek Corp

Part # AMC2444
Description  DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2444 Datasheet(HTML) 8 Page - ADDtek Corp

Back Button AMC2444 Datasheet HTML 3Page - ADDtek Corp AMC2444 Datasheet HTML 4Page - ADDtek Corp AMC2444 Datasheet HTML 5Page - ADDtek Corp AMC2444 Datasheet HTML 6Page - ADDtek Corp AMC2444 Datasheet HTML 7Page - ADDtek Corp AMC2444 Datasheet HTML 8Page - ADDtek Corp AMC2444 Datasheet HTML 9Page - ADDtek Corp AMC2444 Datasheet HTML 10Page - ADDtek Corp AMC2444 Datasheet HTML 11Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AMC2244/AMC2344/AMC2444
Copyright
© 2006 2006 ADDtek Corp.
8
DD006_E -- JUNE 2006
APPLICATION INFORMATION (CONTD.)
Single Supply Operation
The AMC2244/AMC2344/AMC2444 have been designed to operate over a wide input and output voltage range.
However, the AMC2244/AMC2344/AMC2444 are also suitable for single-supply operation. With a 5V supply and RL
= 500Ω, the output voltage swing is from 200mV to 3.9V, this results in a 3.7V output swing on a single 5V supply.
The single supply operation range is from as high as 36V to 2.5V. For a single 2.5V supply application, the output
swing can still have 1VPP.
Gain-Bandwidth Product and the-3 dB Bandwidth
The gain-bandwidth product of AMC2244/AMC2344/AMC2444 is 60 MHz while using only 7mA of supply current
per amplifier. For gains greater than 4, their closed-loop –3 dB bandwidth is approximately equal to the
gain-bandwidth product divided by the noise gain of the circuit. For gains less than 4, higher-order poles in the
amplifiers’ transfer function contribute to even higher closed loop bandwidths. For example, the –3 dB bandwidth is
120 MHz at a gain of + 1, dropping to 60 MHz at a gain of +2.
Output Drive Capability
The AMC2244/AMC2344/AMC2444 have been designed to drive low impedance loads. The output swing can easily
reach 6VPP into a 150Ω load. This features the AMC2244/AMC2344/AMC2444 in the field of RF, IF and video
applications. Furthermore, even at low temperatures, the current drive still remains a minimum of 35mA.
For signal transmission and distribution, a back-terminated cable (75Ω in series at the drive end, and 75Ω to ground at
the receiving end) is preferred since the impedance match at both ends will absorb any reflections. However, when
double termination is used, the received signal is halved; therefore a gain of 2 configuration is typically used to
compensate for the attenuation.
Capacitive Loads
While driving the capacitive loads, the AMC2244/AMC2344/AMC2444 remain stable by automatically reducing their
gain-bandwidth product as capacitive load increases. Therefore, for maximum bandwidth, capacitive loads should be
reduced as much as possible or isolated via a series output resistor (RS). Similarly, coax lines can be driven, but best
AC performance is obtained when they are terminated with their characteristic impedance so that the capacitance of
the coaxial cable will not add to the capacitive load seen by the amplifier. Although stable with all capacitive loads,
some peaking still occurs as load capacitance increases. A series resistor at the output can be used to reduce this
peaking and further improve stability.
Printed-Circuit Layout
In most applications, good PCB layout is necessary for optimum performance. Ground-plane construction is highly
recommended for good power supply bypassing. A 0.1 µF ceramic capacitor is recommended for bypassing both
supplies. Lead lengths should be as short as possible, and bypass capacitors should be placed as close to the device
pins as possible. For good AC performance, parasitic capacitances should be kept to a minimum at both inputs and at
the output. Resistor values should be dept under 5 KΩbecause of the RC time constants associated with the parasitic
capacitance. Metal-film and carbon resistors are both acceptable, use of wire-wound resistors is not recommended
because of their parasitic inductance. Similarly, capacitors should be low-inductance foe best performance.


Similar Part No. - AMC2444

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AMC2010 OHMITE-AMC2010 Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
Texas Instruments
AMC21C12 TI-AMC21C12 Datasheet
1Mb / 34P
[Old version datasheet]   AMC21C12 Fast Response, Functionally Isolated Window Comparator With Adjustable Threshold and Latch Function
SEPTEMBER 2023
AMC21C12 TI1-AMC21C12 Datasheet
1Mb / 36P
[Old version datasheet]   AMC21C12 Fast Response, Functionally Isolated Window Comparator With Adjustable Threshold and Latch Function
DECEMBER 2023
AMC21C12DENR TI1-AMC21C12DENR Datasheet
1Mb / 36P
[Old version datasheet]   AMC21C12 Fast Response, Functionally Isolated Window Comparator With Adjustable Threshold and Latch Function
DECEMBER 2023
AMC21C12 TI1-AMC21C12_V01 Datasheet
1Mb / 36P
[Old version datasheet]   AMC21C12 Fast Response, Functionally Isolated Window Comparator With Adjustable Threshold and Latch Function
DECEMBER 2023
More results

Similar Description - AMC2444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2224 ELANTEC-EL2224 Datasheet
719Kb / 10P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2242C ELANTEC-EL2242C Datasheet
703Kb / 10P
   Dual Fast Single-Supply Unity-Gain Stable Op Amp
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com