Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC431BLP Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC431BLP
Description  PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC431BLP Datasheet(HTML) 2 Page - ADDtek Corp

  AMC431BLP Datasheet HTML 1Page - ADDtek Corp AMC431BLP Datasheet HTML 2Page - ADDtek Corp AMC431BLP Datasheet HTML 3Page - ADDtek Corp AMC431BLP Datasheet HTML 4Page - ADDtek Corp AMC431BLP Datasheet HTML 5Page - ADDtek Corp AMC431BLP Datasheet HTML 6Page - ADDtek Corp AMC431BLP Datasheet HTML 7Page - ADDtek Corp AMC431BLP Datasheet HTML 8Page - ADDtek Corp AMC431BLP Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AMC431
Copyright
© 2006 ADDtek Corp.
2
DD021_G
--
JUNE 2006
TYPICAL APPLICATION
BLOCK DIAGRAM
5V Precision Regulator
+
-
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Cathode to Anode Voltage (V
KA) (Note 2)
-0.3V to 37V
Continuous Cathode Current (I
K)
-100mA to 150mA
Reference Input Current (I
REF)
-50uA to 10mA
Maximum junction temperature range, TJ
150°C
Storage temperature range
-65
OC to 150OC
Lead temperature (soldiering, 10 seconds)
260°C
Note 1:
Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into,
negative out of the specified terminal.
Note 2:
Voltage values are with respect to the anode terminal unless otherwise noted.
POWER DISSIPATION TABLE
Package
θ
JA
(°C /W )
Derating factor
DF(mW/°C)
TA ≥ 25°C
TA ≤ 25°C
Power rating(mW)
TA=70°C
Power rating(mW)
TA= 85°C
Power rating (mW)
LP
156
6.41
801
513
417
LPF
156
6.41
801
513
417
PK
71(note)
14.1
1763
1128
916
PKF
71(note)
14.1
1763
1128
916
DB
285
3.5
438
280
228
DBF
285
3.5
438
280
228
Note :1.For PK package, Thermal Resistance-Junction to Tab (
θ
JT ) = 35°C /W. TJ = TTAB + (PD × θJT).
P
D: Power Dissipation.
2.
θ
JA: Thermal Resistance-Junction to Ambient,
DF = 1/θJA
Junction Temperature Calculation:
T
J = T
A + (PD × θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.
CATHODE
ANODE
REF
VREF
R2
27.5K
0.1%
R1
27.5K
0.1%
Rb
V+
VO = 5V
Note: Rb should
provide cathode
current
≥ 1mA


Similar Part No. - AMC431BLP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC431BLP ETC2-AMC431BLP Datasheet
174Kb / 11P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
More results

Similar Description - AMC431BLP

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.3
logo
List of Unclassifed Man...
AMC431 ETC2-AMC431 Datasheet
174Kb / 11P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com