Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC3842B Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC3842B
Description  CURRENT MODE PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC3842B Datasheet(HTML) 3 Page - ADDtek Corp

  AMC3842B Datasheet HTML 1Page - ADDtek Corp AMC3842B Datasheet HTML 2Page - ADDtek Corp AMC3842B Datasheet HTML 3Page - ADDtek Corp AMC3842B Datasheet HTML 4Page - ADDtek Corp AMC3842B Datasheet HTML 5Page - ADDtek Corp AMC3842B Datasheet HTML 6Page - ADDtek Corp AMC3842B Datasheet HTML 7Page - ADDtek Corp AMC3842B Datasheet HTML 8Page - ADDtek Corp AMC3842B Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AMC3842B/43B/44B/45B
Copyright
© 2006 ADDtek Corp.
3
DD019_F
--
OCTOBER 2006
BLOCK DIAGRAM
( ) are 14 Pin S.O.I.C. pin number
Note 2:
VCC and PWR VC are internally connected for 8 pin packages.
Note 3:
PWR GND and GND are internally connected for 8 pin packages.
Note 4:
U.V.L.O. is 16V for 3842B/44B and 8.4V for 3843B/45B.
Note 5:
Hysteresis is 6V for 3842B/44B and 0.8V for 3843B/45B.
Note 6:
Toggle flip flop used only in 3844B/45B
VREF
Internal
Bias
36V
2R
EN
5V
VREF
U.V.L.O.
V
REF
Good Logic
Error Amp
Current
Sense
Oscillator
R
1V
R
S
PWM
Latch
VFB
CURRENT
SENSE
RT/CT
PWR
GND
OUTPUT
PWR
VC
GND
VCC
COMP
T
1 (1)
2 (3)
3 (5)
4 (7)
8 (14)
5 (8)
6 (10)
7 (11)
5 (9)
7 (12)


Similar Part No. - AMC3842B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - AMC3842B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com