Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC2344NF Datasheet(PDF) 5 Page - ADDtek Corp

Part # AMC2344NF
Description  DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2344NF Datasheet(HTML) 5 Page - ADDtek Corp

  AMC2344NF Datasheet HTML 1Page - ADDtek Corp AMC2344NF Datasheet HTML 2Page - ADDtek Corp AMC2344NF Datasheet HTML 3Page - ADDtek Corp AMC2344NF Datasheet HTML 4Page - ADDtek Corp AMC2344NF Datasheet HTML 5Page - ADDtek Corp AMC2344NF Datasheet HTML 6Page - ADDtek Corp AMC2344NF Datasheet HTML 7Page - ADDtek Corp AMC2344NF Datasheet HTML 8Page - ADDtek Corp AMC2344NF Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AMC2244/AMC2344/AMC2444
Copyright
© 2006 2006 ADDtek Corp.
5
DD006_E -- JUNE 2006
CHARACTERIZATION CURVES
Input
VCC = +-5V, RL= 1KΩ
Av = 1, Input = +-3.8Vpp
Output Voltage Swing at +-5V VCC
VCC = +-15V, RL= 1KΩ
Av = 1, Input = 0.7Vpp
VCC = +-15V, RL= 1KΩ
Av = 1, Input = 0.7Vpp
Output Rising Edge Performance
Output
Input
Output
Input
Output
Output Falling Edge Performance
Output Swing at 1Mhz, Av=2
Output Swing at 10Mhz, Av=2
VCC = +-15V, RL= 1KΩ
Av = 2, Input = 0.4Vpp, 1Mhz
VCC = +-15V, RL= 1KΩ
Av = 2, Input = 0.4Vpp, 10Mhz
Input
Output
Input
Output
VCC = +-5V, RL = 1KΩ
Av = 1, Input = 1Vpp, 10Mhz
Unit Gain Stable Performance
Input
Output


Similar Part No. - AMC2344NF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC23C10 TI-AMC23C10 Datasheet
1Mb / 26P
[Old version datasheet]   AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
MARCH 2022
AMC23C10 TI-AMC23C10 Datasheet
1Mb / 34P
[Old version datasheet]   AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
REVISED JULY 2022
AMC23C10DWV TI-AMC23C10DWV Datasheet
1Mb / 34P
[Old version datasheet]   AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
REVISED JULY 2022
AMC23C10DWVR TI-AMC23C10DWVR Datasheet
1Mb / 34P
[Old version datasheet]   AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
REVISED JULY 2022
AMC23C10 TI-AMC23C10_V01 Datasheet
1Mb / 34P
[Old version datasheet]   AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
REVISED JULY 2022
More results

Similar Description - AMC2344NF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2224 ELANTEC-EL2224 Datasheet
719Kb / 10P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2242C ELANTEC-EL2242C Datasheet
703Kb / 10P
   Dual Fast Single-Supply Unity-Gain Stable Op Amp
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com