Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC3100-X.XDBF Datasheet(PDF) 4 Page - ADDtek Corp

Part # AMC3100-X.XDBF
Description  1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC3100-X.XDBF Datasheet(HTML) 4 Page - ADDtek Corp

  AMC3100-X.XDBF Datasheet HTML 1Page - ADDtek Corp AMC3100-X.XDBF Datasheet HTML 2Page - ADDtek Corp AMC3100-X.XDBF Datasheet HTML 3Page - ADDtek Corp AMC3100-X.XDBF Datasheet HTML 4Page - ADDtek Corp AMC3100-X.XDBF Datasheet HTML 5Page - ADDtek Corp AMC3100-X.XDBF Datasheet HTML 6Page - ADDtek Corp AMC3100-X.XDBF Datasheet HTML 7Page - ADDtek Corp AMC3100-X.XDBF Datasheet HTML 8Page - ADDtek Corp AMC3100-X.XDBF Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AMC3100
Copyright
© 2006 ADDtek Corp.
4
DD010_A -- JUNE 2006
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VIN
2.5
5.5
V
Operating free-air temperature range
TA
-40
85
ELECTRICAL CHARACTERISTICS
VIN=3.6V, TA=25°C. (Unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input DC Supply Current
Active Mode
Shutdown
IS
VFB=0.5V or VOUT=90%,
ILOAD=0A
VRUN=0V, VIN=4.2V
300
0.1
400
1
µA
Regulated Output Voltage
VOUT
AMC3100-1.8, IOUT=100mA
AMC3100-1.5, IOUT=100mA
AMC3100-1.2, IOUT=100mA
1.746
1.455
1.164
1.800
1.500
1.200
1.854
1.545
1.236
V
Output Voltage Line Regulation
VOUT VIN=2.5V to 5.5V
0.04
0.4
%V
Output Voltage Load Regulation
VLDREG
0.5
%
Peak Inductor Current
IPK
Duty Cycle < 35%, VIN=3V,
VFB=0.5V or VOUT=90%,
0.75
1
1.25
A
Feedback Current
IVFB
±30
nA
Regulated Feedback Voltage
VFB
TA= 25°C
TA= 0°C ≤ TA ≤ 85°C
TA= -40°C ≤ TA ≤ 85°C
0.5880
0.5865
0.5850
0.6
0.6
0.6
0.6120
0.6135
0.6150
V
Reference Voltage Line Regulation
VFB
VIN=2.5V to 5.5V
0.04
0.4
%V
Oscillator Frequency
fOSC
VFB=0.6V or VOUT=100%
1.2
1.5
1.8
MHz
RDS(ON) of P-Channel FET
RPFET
ISW=100mA
0.4
0.5
RDS(ON) of N-Channel FET
RNFET
ISW=-100mA
0.35
0.45
SW Leakage
ILSW
VRUN=0V, VSW=0V or 5V,
VIN=5V
±0.01
±1
µA
RUN Threshold
VRUN
0.3
1
1.5
V
RUN Leakage Current
IRUN
±0.01
±1
µA


Similar Part No. - AMC3100-X.XDBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC317 ETC-AMC317 Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
logo
ADDtek Corp
AMC317 ADDTEK-AMC317 Datasheet
106Kb / 7P
   1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
MARCH 2007
AMC317SJ ADDTEK-AMC317SJ Datasheet
106Kb / 7P
   1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
MARCH 2007
AMC317SJF ADDTEK-AMC317SJF Datasheet
106Kb / 7P
   1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
MARCH 2007
AMC317SK ADDTEK-AMC317SK Datasheet
106Kb / 7P
   1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
MARCH 2007
More results

Similar Description - AMC3100-X.XDBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT440 ETC2-FT440 Datasheet
245Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
   600mA, 1.5MHz Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
   1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
logo
Eutech Microelectronics...
EUP3406 EUTECH-EUP3406 Datasheet
730Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669_12 Datasheet
466Kb / 11P
   600mA 1.5MHz Synchronous Step Down Converter
logo
Leshan Radio Company
LR8509 LRC-LR8509 Datasheet
468Kb / 10P
   1.5MHz 600mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com