Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7140 Datasheet(PDF) 6 Page - ADDtek Corp

Part # AMC7140
Description  700mA HIGH VOLTAGE ADJUSTABLE CURRENT REGULATOR WITH ENABLE CONTROL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7140 Datasheet(HTML) 6 Page - ADDtek Corp

  AMC7140 Datasheet HTML 1Page - ADDtek Corp AMC7140 Datasheet HTML 2Page - ADDtek Corp AMC7140 Datasheet HTML 3Page - ADDtek Corp AMC7140 Datasheet HTML 4Page - ADDtek Corp AMC7140 Datasheet HTML 5Page - ADDtek Corp AMC7140 Datasheet HTML 6Page - ADDtek Corp AMC7140 Datasheet HTML 7Page - ADDtek Corp AMC7140 Datasheet HTML 8Page - ADDtek Corp AMC7140 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AMC7140
Copyright
© 2007 ADDtek Corp.
6
DD032_B -- APRIL 2007
LED Backlight Solution:
AMC7140 could coordinate with any type of DC-to-DC converter through feedback path to realized LED
backlight module. The number of LEDs in the string is variable even with certain fixed power source since the output
voltage of the DC-to-DC converter could be modulated according to feedback signal.
AM C 7 1 4 0
OE
OU T
ISET
V DD
GN D
12 V DC or 2 4 V DC
En a b le
R SET 1
R SE T 2
88 0 Ω
R b
D b
D C / D C
C o n verte r
O u tput
FB
AC Voltage Input:
AMC7140 could work with any kind of well-known or well-developed switch-mode power supply system.
Simply cut off the internal feedback path of the power supply system and then feed the signal from AMC7140 back to
the power supply system instead.
AMC7140
OE
OUT
ISET
VDD
GND
85VAC ~ 265 VAC
Enable
RSET1
RSET2
880Ω
Rb
Db
Power
Supply
VDD
FB


Similar Part No. - AMC7140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
   White/Blue LED Driver for Li-Ion Battery Application
logo
ADDtek Corp
AMC7110 ADDTEK-AMC7110 Datasheet
199Kb / 10P
   WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
AMC7110ADBF ADDTEK-AMC7110ADBF Datasheet
199Kb / 10P
   WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
logo
List of Unclassifed Man...
AMC7110DB ETC1-AMC7110DB Datasheet
115Kb / 1P
   White/Blue LED Driver for Li-Ion Battery Application
logo
ADDtek Corp
AMC7110DBF ADDTEK-AMC7110DBF Datasheet
199Kb / 10P
   WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
More results

Similar Description - AMC7140

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601_15 Datasheet
268Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
TS19601 TSC-TS19601 Datasheet
220Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
logo
National Semiconductor ...
LP3994 NSC-LP3994 Datasheet
253Kb / 12P
   50mA CMOS Voltage Regulator with Enable Control
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
   Adjustable Output Voltage, Enable/Shutdown Control
logo
SHANGHAI BELLING CO., L...
BL317B BELLING-BL317B Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317BT BELLING-BL317BT Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6700 AITSEMI-A6700 Datasheet
719Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 700mA CMOS LOW NOISE WITH ENABLE PIN
REV1.4
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com