Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC2576-X.XPBF Datasheet(PDF) 11 Page - ADDtek Corp

Part # AMC2576-X.XPBF
Description  3A STEP DOWN VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2576-X.XPBF Datasheet(HTML) 11 Page - ADDtek Corp

Back Button AMC2576-X.XPBF Datasheet HTML 6Page - ADDtek Corp AMC2576-X.XPBF Datasheet HTML 7Page - ADDtek Corp AMC2576-X.XPBF Datasheet HTML 8Page - ADDtek Corp AMC2576-X.XPBF Datasheet HTML 9Page - ADDtek Corp AMC2576-X.XPBF Datasheet HTML 10Page - ADDtek Corp AMC2576-X.XPBF Datasheet HTML 11Page - ADDtek Corp AMC2576-X.XPBF Datasheet HTML 12Page - ADDtek Corp AMC2576-X.XPBF Datasheet HTML 13Page - ADDtek Corp AMC2576-X.XPBF Datasheet HTML 14Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AMC2576
Copyright
© 2006 ADDtek Corp.
11
DD007_E
--
DECEMBER 2006
PACKAGE
5-Pin Plastic TO-220 (P)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.560
-
0.650
14.23
-
16.51
B
0.380
-
0.420
9.66
-
10.66
C
0.140
-
0.190
3.56
-
4.82
D
0.018
-
0.035
0.46
-
0.89
F
0.140
-
0.160
3.56
-
4.06
G
0.134
-
-
3.40
-
-
J
0.012
-
0.045
0.31
-
1.14
K
0.500
-
0.580
12.70
-
14.73
N
0.268 TYP
6.80 TYP
R
0.080
-
0.115
2.04
-
2.92
S
0.045
-
0.055
1.14
-
1.39
T
0.230
-
0.270
5.85
-
6.85
K
D
G
N
R
J
B
T
F
C
S
A
5-Pin Surface Mount TO-263 (DD)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.395
-
0.420
10.03
-
10.67
B
0.325
-
0.361
8.25
-
9.17
C
0.171
-
0.181
4.34
-
4.59
D
0.045
-
0.055
1.14
-
1.40
E
0.013
-
0.017
0.330
-
0.432
F
0.029
-
0.035
0.737
-
0.889
G
0.062
-
0.072
1.57
-
1.83
I
-
-
0.065
-
-
1.65
K
0.575
0.635
14.60
16.13
L
0.090
0.110
2.29
2.79
M7
°
7
°
N3
°
3
°
F
E
G
B
I
A
M
K
D
C
N
L


Similar Part No. - AMC2576-X.XPBF

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AMC2512 OHMITE-AMC2512 Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
List of Unclassifed Man...
AMC2596 ETC1-AMC2596 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC2596-3.3 ETC1-AMC2596-3.3 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596-3.3 ADDTEK-AMC2596-3.3 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
More results

Similar Description - AMC2576-X.XPBF

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com