Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7150DLF Datasheet(PDF) 5 Page - ADDtek Corp

Part # AMC7150DLF
Description  1.5A POWER LED DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7150DLF Datasheet(HTML) 5 Page - ADDtek Corp

  AMC7150DLF Datasheet HTML 1Page - ADDtek Corp AMC7150DLF Datasheet HTML 2Page - ADDtek Corp AMC7150DLF Datasheet HTML 3Page - ADDtek Corp AMC7150DLF Datasheet HTML 4Page - ADDtek Corp AMC7150DLF Datasheet HTML 5Page - ADDtek Corp AMC7150DLF Datasheet HTML 6Page - ADDtek Corp AMC7150DLF Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AMC7150
Copyright
© 2006 ADDtek Corp.
5
DD034_A
--
JUNE 2006
Inductor
The Inductor L stores energy during switch turn-on period and discharge driving current to LEDs via flywheel
diode while switch turn-off. In order to reduce the current ripple on LEDs, the L value should high enough to keep the
system working at continuous-conduction mode that inductor current won’t fall to zero.
Since in steady-state operation the waveform must repeat from one time period to the next, the integral of the
inductor voltage vL over one time period must be zero:
0
0
0
=
+
=
∫∫
ON
s
ON
s
tT
t
L
L
T
L
dt
v
dt
v
dt
v
Where
OFF
ON
s
t
t
T
+
=
Therefore
LED
SAT
Rsense
CC
F
LED
OFF
ON
V
V
V
V
V
V
t
t
+
=
Where, VLED is the total forward voltage (at expecting current) of the LED string, VF is the forward voltage of the
flywheel diode DF, VRsense is the peak value of the voltage drop across Rsense which is 300mV, and VSAT is the saturation
voltage of the switch which has a typical value of 1V.
Since the operation frequency f is determined by choosing appropriate value for timing capacitor CT, the switch
turn-on time can also be known by
f
D
T
D
t
s
ON
=
=
Where
OFF
ON
ON
t
t
t
Dutycycle
D
+
=
)
(
With knowledge of the peak switch current and switch on time, the value of inductance can be calculated.
ON
PK
LED
SAT
Rsense
CC
t
I
V
V
V
V
L
=


Similar Part No. - AMC7150DLF

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7150 ADDTEK-AMC7150 Datasheet
336Kb / 12P
   1.5A Power LED Driver
September 1, 2006
More results

Similar Description - AMC7150DLF

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7150 ADDTEK-AMC7150 Datasheet
336Kb / 12P
   1.5A Power LED Driver
September 1, 2006
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
   40V 1.5A BUCK LED DRIVER
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Diodes Incorporated
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
   40V 1.5A BUCK LED DRIVER
logo
Maxic Technology Corpor...
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
   1.5A LED driver with internal switch
logo
Linear Technology
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
   1.5A LED Driver with internal switch
logo
Skyworks Solutions Inc.
AAT1274 SKYWORKS-AAT1274 Datasheet
2Mb / 17P
   1.5A Single Flash LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com