Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC76386 Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC76386
Description  Dual 450mA LDO REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC76386 Datasheet(HTML) 2 Page - ADDtek Corp

  AMC76386 Datasheet HTML 1Page - ADDtek Corp AMC76386 Datasheet HTML 2Page - ADDtek Corp AMC76386 Datasheet HTML 3Page - ADDtek Corp AMC76386 Datasheet HTML 4Page - ADDtek Corp AMC76386 Datasheet HTML 5Page - ADDtek Corp AMC76386 Datasheet HTML 6Page - ADDtek Corp AMC76386 Datasheet HTML 7Page - ADDtek Corp AMC76386 Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AMC76386
Copyright
© 2006 ADDtek Corp.
2
DD055_A -- JUNE 2006
ABSOLUTE MAXIMUM RATINGS
Input Voltage, VIN1, VIN2
13V
Maximum Operating Junction Temperature, TJ
150
OC
Storage Temperature Range
-65
OC to 150OC
Lead Temperature (soldering, 10 seconds)
260
OC
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
POWER DISSIPATION TABLE
Package
θ
JA
(
OC/ W )
Derating factor (mW/
OC )
TA ≥ 25
OC
TA ≤ 25
OC
Power rating (mW)
TA=70
OC
Power rating (mW)
DM
165(Note)
6
757
487
Note: T
J = T
A + (PD × θJA)
P
D: Total Power dissipation.
θ
JA: Thermal resistance from Junction to Ambient.
The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.
BLOCK DIAGRAM
GND
VIN1
VOUT1
Current
Limiter
VREF
GND
VIN2
VOUT2
Current
Limiter
VREF


Similar Part No. - AMC76386

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7638 ADDTEK-AMC7638 Datasheet
240Kb / 8P
   450mA LOW DROPOUT REGULATOR
MAY 2007
AMC76381-1.5 ADDTEK-AMC76381-1.5 Datasheet
240Kb / 8P
   450mA LOW DROPOUT REGULATOR
MAY 2007
AMC76381-1.8 ADDTEK-AMC76381-1.8 Datasheet
240Kb / 8P
   450mA LOW DROPOUT REGULATOR
MAY 2007
AMC76381-2.5 ADDTEK-AMC76381-2.5 Datasheet
240Kb / 8P
   450mA LOW DROPOUT REGULATOR
MAY 2007
AMC76381-3.3 ADDTEK-AMC76381-3.3 Datasheet
240Kb / 8P
   450mA LOW DROPOUT REGULATOR
MAY 2007
More results

Similar Description - AMC76386

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM72XX HMSEMI-HM72XX Datasheet
864Kb / 10P
   5mA~450mA Constant Current Regulator
logo
ADDtek Corp
AMC7638 ADDTEK-AMC7638 Datasheet
240Kb / 8P
   450mA LOW DROPOUT REGULATOR
MAY 2007
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220_10 Datasheet
1Mb / 17P
   Dual 2A LDO Regulator
logo
Eutech Microelectronics...
EUP7522 EUTECH-EUP7522 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
logo
Micrel Semiconductor
MIC5210 MICREL-MIC5210_06 Datasheet
194Kb / 11P
   Dual 150mA LDO Regulator
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
   Dual 2A LDO Regulator
MIC5208 MICREL-MIC5208_02 Datasheet
54Kb / 8P
   Dual 50mA LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926_06 Datasheet
335Kb / 8P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com