Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTX-485-D3AA Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KTX-485-D3AA
Description  2.5Gbps VCSEL TOSA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KTX-485-D3AA Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KTX-485-D3AA Datasheet HTML 1Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NEW PRODUCT
Description
VCSEL module, TOSA(Transmitter Optical Sub Assembly) consists
of reliable 850nm VCSEL, back monitor PIN PD and plastic SC or
LC receptacle. The power monitor PD can be used with appropriate
feedback control circuitry to set a constant power level for each
VCSEL. The parts of plastic SC or LC receptacle are actively aligned.
This module guarantees high coupling efficiency, high slope efficiency,
low operating current and low tracking error over wide temperature
range(0℃ to +85℃) and provides high optical performance.
Features
- 850㎚ Wavelengt
h Range
- High Data Rate ≥ 2.5Gbps
- High Reliability
- Low Current and Voltage
- Multi mode
- Other Configurations Available on Request
Applications
- High speed Data Communications
- Gigabit Ethernet
- Fiber Channel
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Condition
Poc
-
500
-
uW
IF=7㎃, 50/125um fiber NA=0.20
Threshold Current
Ith
-
1.5
3.0
CW
Slope Efficiency
η
0.04
-
0.2
/㎃ IF=7㎃
Peak Wavelength
λp
840
850
860
IF=7㎃
Spectral Bandwidth(RMS
∆λ
-
0.85
IF=7㎃
Forward Voltage
Vf
-
1.7
2.2
V
IF=7㎃
Breakdown Voltage
Vb
-
-10
-
V
Rise and Fall Times
tR / tF
-
130 / 150
-ps
Prebias Above Threshold,
20% ∼ 80%
Relative Intensity Noise
RIN
-
-130
-122
dB/Hz 1 GHz BW, If=7mA
Serises Resistance
Rs
20
35
55
Ohm IF=7㎃
Monitor Current
IPD
0.3
-
1.0
mA
Poc=0.5mW
Dark Current
ID
-
-
20
nA
Poc=0mW, VR=3V
PD Reverse Voltage
BVRPD
30
115
V
Poc=0mW, IR=10uA
PD Capacitance
C
100
55
pF
VR=0V, F=1MHz
VR=3V, F=1MHz
Peak Fiber Coupled
Optical Output Power
Parameter
2.5Gbps VCSEL TOSA KTx-485-D3AA
Issued Date : Jan. 2005


Similar Part No. - KTX-485-D3AA

ManufacturerPart #DatasheetDescription
logo
SICK AG
KTX-WB9114124UZZZZ SICK-KTX-WB9114124UZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WB91141259ZZZZ SICK-KTX-WB91141259ZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WB9114125AZZZZ SICK-KTX-WB9114125AZZZZ Datasheet
1,003Kb / 9P
   CONTRAST SENSORS
KTX-WB9114224IZZZZ SICK-KTX-WB9114224IZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WB9114224UZZZZ SICK-KTX-WB9114224UZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results

Similar Description - KTX-485-D3AA

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFE4190-441 FINISAR-HFE4190-441 Datasheet
102Kb / 7P
   2.5Gbps 850nm VCSEL, LC TOSA
HFE4192-581 FINISAR-HFE4192-581 Datasheet
173Kb / 6P
   4.25GBPS 850NM VCSEL LC TOSA PACKAGE
HFE7192-6X1 FINISAR-HFE7192-6X1 Datasheet
546Kb / 7P
   8Gbps 850nm VCSEL, LC TOSA Package
logo
JDS Uniphase Corporatio...
PL-SXX-00-S20-CX JDSU-PL-SXX-00-S20-CX Datasheet
209Kb / 5P
   850 nm 2.5 G VCSEL TOSA
logo
Finisar Corporation.
HFE4380-521 FINISAR-HFE4380-521 Datasheet
257Kb / 6P
   1.25GBPS 850NM VCSEL SC TOSA PACKAGE
HFE4091-341 FINISAR-HFE4091-341 Datasheet
118Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
HFE4093-342 FINISAR-HFE4093-342 Datasheet
118Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
HFE4094-542 FINISAR-HFE4094-542 Datasheet
114Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
logo
JDS Uniphase Corporatio...
PL-SLX-00-SG0-CX JDSU-PL-SLX-00-SG0-CX Datasheet
244Kb / 6P
   850 nm 4.25 G VCSEL LC TOSA
logo
Finisar Corporation.
HFE6X92-761 FINISAR-HFE6X92-761 Datasheet
726Kb / 8P
   10Gbps 850nm VCSEL, LC and SC TOSA Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com