Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDV703WK Datasheet(PDF) 1 Page - AUK corp

Part # SDV703WK
Description  Variable Capacitance Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDV703WK Datasheet(HTML) 1 Page - AUK corp

  SDV703WK_1 Datasheet HTML 1Page - AUK corp SDV703WK_1 Datasheet HTML 2Page - AUK corp SDV703WK_1 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KSD-2033-001
1
SDV703WK
Variable Capacitance Diode
Descriptions
• For FM tuner
•••• Monolithic chip with common cathode for perfect tacking of both diodes
•••• Uniform “square law” characteristics
•••• Ideal hifi tuning device when used in low-distortion, back-to-back configuration
Features
•••• Low series resistance
:
rs = 0.3 Ω (Typ.)
Ordering Information
Type No.
Marking
Package Code
SDV703WK
DV3
SOT-23
: CT2V rank (Grade)
Outline Dimensions
unit : mm
PIN Connections
1. Anode
2. Anode
3. Cathode, Cathode
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
1
3
2
2.4
±0.1
1.30
±0.1
0.45~0.60
3
1
2
0.2 Min.


Similar Part No. - SDV703WK_1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDV703WK AUK-SDV703WK Datasheet
40Kb / 3P
   Variable Capacitance Diode
More results

Similar Description - SDV703WK_1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDV708Q AUK-SDV708Q_1 Datasheet
174Kb / 3P
   Variable Capacitance Diode
logo
TOKO, Inc
KV1360NT TOKO-KV1360NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1560NT TOKO-KV1560NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1430 TOKO-KV1430 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
logo
Sony Corporation
1T399 SONY-1T399 Datasheet
46Kb / 4P
   Variable Capacitance Diode
logo
Toshiba Semiconductor
1SV162 TOSHIBA-1SV162 Datasheet
34Kb / 1P
   VARIABLE CAPACITANCE DIODE
logo
TOKO, Inc
KV1440 TOKO-KV1440 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1471K TOKO-KV1471K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1812K TOKO-KV1812K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832C TOKO-KV1832C Datasheet
26Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832K TOKO-KV1832K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com