Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDZ5V1F Datasheet(PDF) 2 Page - AUK corp

Part # SDZ5V1F
Description  Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDZ5V1F Datasheet(HTML) 2 Page - AUK corp

  SDZ5V1F Datasheet HTML 1Page - AUK corp SDZ5V1F Datasheet HTML 2Page - AUK corp SDZ5V1F Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSD-D5C005-000
2
SDZ5V1F
Absolute Maximum Ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Power dissipation
PD
200
mW
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ. Max.
Unit
Zener voltage
VZ
IZ=5mA
4.88
-
5.32
V
Dynamic impedance
ZZT
IZ=5mA
-
-
70
KNEE dynamic impedance
ZZK
IZ=0.25mA
-
-
2050
Reverse current
IR
VR=2V
-
-
2
µA


Similar Part No. - SDZ5V1F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDZ5V1F KODENSHI-SDZ5V1F Datasheet
172Kb / 5P
   Small Signal Zener Diode
More results

Similar Description - SDZ5V1F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com