Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHE124MD Datasheet(PDF) 2 Page - AUK corp

Part # SHE124MD
Description  High Efficiency LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SHE124MD Datasheet(HTML) 2 Page - AUK corp

  SHE124MD_1 Datasheet HTML 1Page - AUK corp SHE124MD_1 Datasheet HTML 2Page - AUK corp SHE124MD_1 Datasheet HTML 3Page - AUK corp SHE124MD_1 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KLE-3017-000
2
SHE124MD / SHE124MD-(B)
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
100
mW
Forward Current
IF
40
mA
*1Peak Forward Current
IFP
65
mA
Reverse Voltage
VR
4
V
Operating Temperature
Topr
-20∼85
Storage Temperature
Tstg
-30∼100
*2Soldering Temperature
Tsol
260℃ for 5 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical Characteristics
Ta=25˚C
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Forward Voltage
VF
IF= 20mA
1.6
2.0
2.5
V
*4Luminous Intensity
IV
IF= 20mA
155
350
780
mcd
Peak Wavelength
λP
IF= 20mA
-
570
-
nm
Spectrum Bandwidth
Δ λ
IF= 20mA
-
30
-
nm
Reverse Current
IR
VR=4V
-
-
10
uA
*3Half Angle
θ1/2
IF= 20mA
-
±20
-
deg
*3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
*4. Luminous Intensity Maximum tolerance for each Grade Classification limit is ±18%
*4. Luminous Intensity classification
MN
O
P
155~230
230~350
350~520
520~780


Similar Part No. - SHE124MD_1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SHE124MD-B AUK-SHE124MD-B Datasheet
257Kb / 4P
   High Efficiency LED Lamp
More results

Similar Description - SHE124MD_1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SHE114RC AUK-SHE114RC_1 Datasheet
269Kb / 4P
   High Efficiency LED Lamp
SHE123YF AUK-SHE123YF_1 Datasheet
187Kb / 4P
   High Efficiency LED Lamp
SHE144AF AUK-SHE144AF Datasheet
235Kb / 4P
   High Efficiency LED Lamp
SHE145AF AUK-SHE145AF Datasheet
199Kb / 4P
   High Efficiency LED Lamp
SHE124PGHE AUK-SHE124PGHE Datasheet
270Kb / 5P
   High Efficiency LED Lamp
SHE114RC AUK-SHE114RC Datasheet
268Kb / 4P
   High Efficiency LED Lamp
SHE155AF-B AUK-SHE155AF-B Datasheet
289Kb / 4P
   High Efficiency LED Lamp
SHE164MD AUK-SHE164MD Datasheet
177Kb / 4P
   High Efficiency LED Lamp
SHE124AE AUK-SHE124AE_1 Datasheet
252Kb / 4P
   High Efficiency LED Lamp
SHE124RE AUK-SHE124RE_1 Datasheet
260Kb / 4P
   High Efficiency LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com