Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STJ009 Datasheet(PDF) 1 Page - AUK corp

Part # STJ009
Description  P-channel Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STJ009 Datasheet(HTML) 1 Page - AUK corp

  STJ009 Datasheet HTML 1Page - AUK corp STJ009 Datasheet HTML 2Page - AUK corp STJ009 Datasheet HTML 3Page - AUK corp STJ009 Datasheet HTML 4Page - AUK corp STJ009 Datasheet HTML 5Page - AUK corp STJ009 Datasheet HTML 6Page - AUK corp STJ009 Datasheet HTML 7Page - AUK corp STJ009 Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-T7F003-000
1
STJ009
P-channel Trench MOSFET
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
Portable Equipment Application.
Notebook Application.
Features
• Low VGS(th) : VGS(th)=1.0~3.0V
• Small footprint due to small package
• Low RDS (ON) : RDS (ON) =66
Ordering Information
Type NO.
Marking
Package Code
STJ009
STJ009
SOP-8
Outline Dimensions
unit : mm
PIN Connections
1. Source
2. Source
3. Source
4. Gate
5. Drain
6. Drain
7. Drain
8. Drain
5.88~6.18
3.70~3.90
0.46 Min.
0.27 Max.
Block Diagram


Similar Part No. - STJ009

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STJ009 KODENSHI-STJ009 Datasheet
351Kb / 8P
   P-ch Trench MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STJ009 DOINGTER-STJ009 Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - STJ009

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM4148 LEIDITECH-LM4148 Datasheet
697Kb / 5P
   P-Channel Trench MOSFET
logo
AUK corp
STJ001SF AUK-STJ001SF Datasheet
448Kb / 8P
   P-channel Trench MOSFET
logo
Shanghai Leiditech Elec...
LM8S18P04 LEIDITECH-LM8S18P04 Datasheet
922Kb / 5P
   P-Channel Trench MOSFET
logo
AUK corp
STJ004SF AUK-STJ004SF Datasheet
361Kb / 8P
   P-channel Trench MOSFET
SUF3001 AUK-SUF3001 Datasheet
338Kb / 8P
   Dual P-channel Trench MOSFET
logo
Unisonic Technologies
UTC606P-H UTC-UTC606P-H Datasheet
169Kb / 3P
   P-CHANNEL 1.8V TRENCH MOSFET
logo
Nexperia B.V. All right...
PMN70EPE NEXPERIA-PMN70EPE Datasheet
271Kb / 15P
   30 V, P-channel Trench MOSFET
PMXB65UPE NEXPERIA-PMXB65UPE Datasheet
739Kb / 15P
   12 V, P-channel Trench MOSFET
PMPB100XPEA NEXPERIA-PMPB100XPEA Datasheet
327Kb / 15P
   20 V, P-channel Trench MOSFET
PMV35EPE NEXPERIA-PMV35EPE Datasheet
730Kb / 15P
   30 V, P-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com