Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUF3001 Datasheet(PDF) 7 Page - AUK corp

Part # SUF3001
Description  Dual P-channel Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SUF3001 Datasheet(HTML) 7 Page - AUK corp

  SUF3001 Datasheet HTML 1Page - AUK corp SUF3001 Datasheet HTML 2Page - AUK corp SUF3001 Datasheet HTML 3Page - AUK corp SUF3001 Datasheet HTML 4Page - AUK corp SUF3001 Datasheet HTML 5Page - AUK corp SUF3001 Datasheet HTML 6Page - AUK corp SUF3001 Datasheet HTML 7Page - AUK corp SUF3001 Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
KSD-T7F004-000
7
Fig. 14 Diode Reverse Recovery Time Test Circuit & Waveform
SUF3001


Similar Part No. - SUF3001

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUF3001 KODENSHI-SUF3001 Datasheet
344Kb / 8P
   Dual N-ch Trench MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SUF3001 DOINGTER-SUF3001 Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - SUF3001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDXB950UPE NXP-PMDXB950UPE Datasheet
262Kb / 15P
   20 V, dual P-channel Trench MOSFET
10 September 2013
PMDPB58UPE NXP-PMDPB58UPE Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
PMDPB80XP PHILIPS-PMDPB80XP_15 Datasheet
899Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 1-30 May 2012
logo
Nexperia B.V. All right...
PMDXB950UPEL NEXPERIA-PMDXB950UPEL Datasheet
739Kb / 16P
   20 V, dual P-channel Trench MOSFET
PMDPB58UPE NEXPERIA-PMDPB58UPE Datasheet
707Kb / 14P
   20 V dual P-channel Trench MOSFET
3 February 2016
logo
NXP Semiconductors
PMDPB70XPE PHILIPS-PMDPB70XPE Datasheet
822Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-20 June 2012
logo
AUK corp
SUF2001 AUK-SUF2001 Datasheet
638Kb / 13P
   Dual N and P-channel Trench MOSFET
logo
NXP Semiconductors
PMDPB70XP PHILIPS-PMDPB70XP_15 Datasheet
1Mb / 15P
   30 V, dual P-channel Trench MOSFET
Rev. 1-9 March 2012
PMDPB55XP PHILIPS-PMDPB55XP_15 Datasheet
884Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 3-4 June 2012
PMDXB1200UPE PHILIPS-PMDXB1200UPE_15 Datasheet
242Kb / 15P
   30 V, dual P-channel Trench MOSFET
25 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com