Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTLP1394RGYR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74GTLP1394RGYR
Description  2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP1394RGYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74GTLP1394RGYR Datasheet HTML 2Page - Texas Instruments SN74GTLP1394RGYR Datasheet HTML 3Page - Texas Instruments SN74GTLP1394RGYR Datasheet HTML 4Page - Texas Instruments SN74GTLP1394RGYR Datasheet HTML 5Page - Texas Instruments SN74GTLP1394RGYR Datasheet HTML 6Page - Texas Instruments SN74GTLP1394RGYR Datasheet HTML 7Page - Texas Instruments SN74GTLP1394RGYR Datasheet HTML 8Page - Texas Instruments SN74GTLP1394RGYR Datasheet HTML 9Page - Texas Instruments SN74GTLP1394RGYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
Electrical Characteristics
Hot-Insertion Specifications for A Inputs and Y Outputs
Live-Insertion Specifications for B Port
SN74GTLP1394
2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SCES286F – OCTOBER 1999 – REVISED APRIL 2005
over recommended operating free-air temperature range for GTLP (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
VCC = 3.15 V,
II = –18 mA
–1.2
V
VCC = 3.15 V to 3.45 V,
IOH = –100 µA
VCC – 0.2
VOH
Y outputs
IOH = –12 mA
2.4
V
VCC = 3.15 V
IOH = –24 mA
2
VCC = 3.15 V to 3.45 V,
IOL = 100 µA
0.2
Y outputs
IOL = 12 mA
0.4
VCC = 3.15 V
IOL = 24 mA
0.5
VOL
V
IOL = 10 mA
0.2
B port
VCC = 3.15 V
IOL = 64 mA
0.4
IOL = 100 mA
0.55
A-port and
II
VCC = 3.45 V,
VI = 0 to 5.5 V
±10
µA
control inputs
Y outputs
VO = VCC
10
IOZH(2)
VCC = 3.45 V
µA
B port
VO = 1.5 V
10
Y outputs and
IOZL(2)
VCC = 3.45 V,
VO = GND
–10
µA
B port
Outputs high
20
VCC = 3.45 V, IO = 0,
Y outputs and
ICC
VI (A-port or control inputs) = VCC or GND,
Outputs low
20
mA
B port
VI (B port) = VTT or GND
Outputs disabled
20
VCC = 3.45 V, One A-port or control input at VCC – 0.6 V,
∆I
CC
(3)
1.5
mA
Other A-port or control inputs at VCC or GND
A-port inputs
3.5
4.5
Ci
VI = 3.15 V or 0
pF
Control inputs
4
5
Co
Y outputs
VO = 3.15 V or 0
4.5
5
pF
Cio
B port
VO = 1.5 V or 0
9
10.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
For I/O ports, the parameters IOZH and IOZL include the input leakage current.
(3)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ioff
VCC = 0,
BIAS VCC = 0,
VI or VO = 0 to 5.5 V
10
µA
IOZPU
VCC = 0 to 1.5 V,
VO = 0.5 V to 3 V,
OE = 0
±30
µA
IOZPD
VCC = 1.5 V to 0,
VO = 0.5 V to 3 V,
OE = 0
±30
µA
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ioff
VCC = 0,
BIAS VCC = 0,
VI or VO = 0 to 1.5 V
10
µA
IOZPU
VCC = 0 to 1.5 V,
BIAS VCC = 0,
VO = 0.5 V to 1.5 V, OE = 0
±30
µA
IOZPD
VCC = 1.5 V to 0,
BIAS VCC = 0,
VO = 0.5 V to 1.5 V, OE = 0
±30
µA
VCC = 0 to 3.15 V
5
mA
ICC (BIAS VCC)
BIAS VCC = 3.15 V to 3.45 V,
VO (B port) = 0 to 1.5 V
VCC = 3.15 V to 3.45 V
10
µA
VO
VCC = 0,
BIAS VCC = 3.3 V,
IO = 0
0.95
1.05
V
IO
VCC = 0,
BIAS VCC = 3.15 V to 3.45 V,
VO (B port) = 0.6 V
–1
µA
6


Similar Part No. - SN74GTLP1394RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP1394RGYR TI1-SN74GTLP1394RGYR Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results

Similar Description - SN74GTLP1394RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22034 TI-SN74GTLP22034 Datasheet
366Kb / 20P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2034 TI-SN74GTLP2034 Datasheet
435Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394 Datasheet
143Kb / 9P
[Old version datasheet]   2-BIT LVTTL-TO-GTL ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com