Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT48H16M16LFBF-75LITG Datasheet(PDF) 11 Page - Micron Technology

Part # MT48H16M16LFBF-75LITG
Description  256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48H16M16LFBF-75LITG Datasheet(HTML) 11 Page - Micron Technology

Back Button MT48H16M16LFBF-75LITG Datasheet HTML 7Page - Micron Technology MT48H16M16LFBF-75LITG Datasheet HTML 8Page - Micron Technology MT48H16M16LFBF-75LITG Datasheet HTML 9Page - Micron Technology MT48H16M16LFBF-75LITG Datasheet HTML 10Page - Micron Technology MT48H16M16LFBF-75LITG Datasheet HTML 11Page - Micron Technology MT48H16M16LFBF-75LITG Datasheet HTML 12Page - Micron Technology MT48H16M16LFBF-75LITG Datasheet HTML 13Page - Micron Technology MT48H16M16LFBF-75LITG Datasheet HTML 14Page - Micron Technology MT48H16M16LFBF-75LITG Datasheet HTML 15Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
PDF:09005aef8219eeeb/Source: 09005aef8219eedd
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT48H16M16LF_2.fm - Rev F 4/07 EN
11
©2006 Micron Technology, Inc. All rights reserved.
256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
Ball Descriptions
A8, B9, B8, C9,
C8, D9, D8, E9,
E1, D2, D1, C2,
C1, B2, B1, A2
R8, N7, R9, N8,
P9, M8, M7, L8,
L2, M3, M2, P1,
N2, R1, N3, R2,
E8, D7, D8, B9,
C8, A9, C7, A8,
A2, C3, A1, C2,
B1, D2, D3, E2
DQ0–DQ31
I/O
Data input/output: Data bus.
A7, B3, C7, D3
B2, B7, C9, D9,
E1, L1, M9, N9,
P2, P7
VDDQ
Supply
DQ power: Provide isolated power to DQ for improved noise
immunity.
A3, B7, C3, D7
B8, B3, C1, D1,
E9, L9, M1, N1,
P3, P8
VSSQ
Supply
DQ ground: Provide isolated ground to DQ for improved noise
immunity.
A9, E7, J9
A7, F9, L7, R7
VDD
Supply
Core power supply.
A1, E3, J1
A3, F1, L3, R3
VSS
Supply
Ground.
E3, E7, H3, H7,
K3
NC
Internally not connected: These could be left unconnected, but
it is recommended they be connected to Vss.
E2
K2
DNU
Input
E2 is a TEST pin that must be tied to VSS or VssQ in normal
operation.
Table 3:
VFBGA Ball Descriptions (Continued)
54-Ball VFBGA 90-Ball VFBGA
Symbol
Type
Description


Similar Part No. - MT48H16M16LFBF-75LITG

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H16M16LFFG MICRON-MT48H16M16LFFG Datasheet
1Mb / 58P
   MOBILE SDRAM
More results

Similar Description - MT48H16M16LFBF-75LITG

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H32M16LF MICRON-MT48H32M16LF Datasheet
2Mb / 73P
   512Mb: 32 Meg x 16, 16 Meg x 32 Mobile SDRAM
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EITC MICRON-MT47H128M16RT-25EITC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H128M16RT-25EC MICRON-MT47H128M16RT-25EC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H64M16HR-25H MICRON-MT47H64M16HR-25H Datasheet
1Mb / 132P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT41J128M16JT-125K MICRON-MT41J128M16JT-125K Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks
MT41J128M16HA-15EDTR MICRON-MT41J128M16HA-15EDTR Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT41J128M16HA-15ED MICRON-MT41J128M16HA-15ED Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com