Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT48H16M16LFB5-8LITG Datasheet(PDF) 5 Page - Micron Technology

Part # MT48H16M16LFB5-8LITG
Description  256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48H16M16LFB5-8LITG Datasheet(HTML) 5 Page - Micron Technology

  MT48H16M16LFB5-8LITG Datasheet HTML 1Page - Micron Technology MT48H16M16LFB5-8LITG Datasheet HTML 2Page - Micron Technology MT48H16M16LFB5-8LITG Datasheet HTML 3Page - Micron Technology MT48H16M16LFB5-8LITG Datasheet HTML 4Page - Micron Technology MT48H16M16LFB5-8LITG Datasheet HTML 5Page - Micron Technology MT48H16M16LFB5-8LITG Datasheet HTML 6Page - Micron Technology MT48H16M16LFB5-8LITG Datasheet HTML 7Page - Micron Technology MT48H16M16LFB5-8LITG Datasheet HTML 8Page - Micron Technology MT48H16M16LFB5-8LITG Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
PDF:09005aef8219eeeb/Source: 09005aef8219eedd
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT48H16M16LF_2.fm - Rev F 4/07 EN
5
©2006 Micron Technology, Inc. All rights reserved.
256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
General Description
Figure 1:
256Mb Mobile SDRAM Part Numbering
General Description
The Micron® 256Mb Mobile SDRAM is a high-speed CMOS, dynamic random-access
memory containing 268,435,456-bits. It is internally configured as a quad-bank DRAM
with a synchronous interface (all signals are registered on the positive edge of the clock
signal, CLK). Each of the x16’s 67,108,864-bit banks is organized as 8,192 rows by 512
columns by 16 bits. Each of the x32’s 67,108,864-bit banks is organized as 4,096 rows by
512 columns by 32 bits.
Read and write accesses to the SDRAM are burst oriented; accesses start at a selected
location and continue for a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an ACTIVE command, which is then
followed by a READ or WRITE command. The address bits registered coincident with the
ACTIVE command are used to select the bank and row to be accessed. The address bits
registered coincident with the READ or WRITE command are used to select the starting
column location for the burst access.
The SDRAM provides for programmable read or write burst lengths (BLs) of 1, 2, 4, or 8
page locations with a read burst terminate option. An auto precharge function may be
enabled to provide a self-timed row precharge that is initiated at the end of the burst
sequence.
The 256Mb SDRAM uses an internal pipelined architecture to achieve high-speed opera-
tion. It also allows the column address to be changed on every clock cycle to achieve a
high-speed, fully random access. Precharging one bank while accessing one of the other
three banks will hide the precharge cycles and provide seamless high-speed, random-
access operation.
Speed Grade
tCK = 7.5ns
tCK = 8.0ns
-75
-8
IT
Operating Temp.
Commercial
Industrial
L
Power
Standard IDD2P/IDD7
Low IDD2P/IDD7
Example Part Number: MT48H8M32LFB5-75LIT
Mobile
Configuration
MT48
Package
Speed
Temp.
Power
Configuration
16 Meg x 16
8 Meg x 32
16M16LF
8M32LF
Package
8 x 9 VFBGA (lead-free)
8 x 13 VFBGA (lead-free)
H
VDD/
VDDQ
VDD/VDDQ
1.8V/1.8V
BF
B5
Revision
Revision
:G Design Revision


Similar Part No. - MT48H16M16LFB5-8LITG

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H16M16LFFG MICRON-MT48H16M16LFFG Datasheet
1Mb / 58P
   MOBILE SDRAM
More results

Similar Description - MT48H16M16LFB5-8LITG

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H32M16LF MICRON-MT48H32M16LF Datasheet
2Mb / 73P
   512Mb: 32 Meg x 16, 16 Meg x 32 Mobile SDRAM
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EITC MICRON-MT47H128M16RT-25EITC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H128M16RT-25EC MICRON-MT47H128M16RT-25EC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H64M16HR-25H MICRON-MT47H64M16HR-25H Datasheet
1Mb / 132P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT41J128M16JT-125K MICRON-MT41J128M16JT-125K Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks
MT41J128M16HA-15EDTR MICRON-MT41J128M16HA-15EDTR Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT41J128M16HA-15ED MICRON-MT41J128M16HA-15ED Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com