Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL235RSM-LF Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL235RSM-LF
Description  LIGHT-TO-FREQUENCY CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL235RSM-LF Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL235RSM-LF Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235RSM-LF Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235RSM-LF Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235RSM-LF Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235RSM-LF Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235RSM-LF Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235RSM-LF Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235RSM-LF Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235RSM-LF Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TSL235R
LIGHT-TO-FREQUENCY CONVERTER
TAOS038E −SEPTEMBER 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D High-Resolution Conversion of Light
Intensity to Frequency With No External
Components
D Communicates Directly With a
Microcontroller
D Compact Three-Leaded Clear-Plastic
Package
D Single-Supply Operation Down to 2.7 V
D Nonlinearity Error Typically 0.2% at 100 kHz
D Stable 150 ppm/°C Temperature Coefficient
D Single-Supply Operation
D RoHS Compliant (−LF Package Only)
Description
The TSL235R light-to-frequency converter combines a silicon photodiode and a current-to-frequency converter
on a single monolithic CMOS integrated circuit. Output is a square wave (50% duty cycle) with frequency directly
proportional to light intensity (irradiance) on the photodiode. The digital output allows direct interface to a
microcontroller or other logic circuitry. The device has been temperature compensated for the
ultraviolet-to-visible light range of 320 nm to 700 nm and responds over the light range of 320 nm to 1050 nm.
The TSL235R is characterized for operation over the temperature range of −25°C to 70°C and is supplied in
a 3-lead clear plastic side-looker package with an integral lens. When supplied in the lead (Pb) free package,
the device is RoHS compliant.
Functional Block Diagram
Light
Current-to-Frequency
Converter
Photodiode
Output
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR ORDERING NUMBER
TSL235R −25°C to 70°C
3-lead Sidelooker
S
TSL235R
TSL235R −25°C to 70°C
3-lead Sidelooker—Lead (Pb) Free
S
TSL235R−LF
TSL235R −25°C to 70°C
3-lead Surface-Mount Sidelooker—Lead (Pb) Free
SM
TSL235RSM−LF
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
GND
1
Power supply ground (substrate). All voltages are referenced to GND.
OUT
3
O
Output frequency.
VDD
2
Supply voltage.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE S
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT
PACKAGE SM
SURFACE MOUNT
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT


Similar Part No. - TSL235RSM-LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL235R ETC-TSL235R Datasheet
83Kb / 8P
   LIGHTTOFREQUENCY CONVERTER
logo
ams AG
TSL235R AMSCO-TSL235R Datasheet
722Kb / 11P
   LIGHT-TO-FREQUENCY CONVERTER
TSL235R AMSCO-TSL235R Datasheet
320Kb / 17P
   Light-to-Frequency Converter
2018-Apr-04
TSL235R AMSCO-TSL235R_V01 Datasheet
320Kb / 17P
   Light-to-Frequency Converter
2018-Apr-04
More results

Similar Description - TSL235RSM-LF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSL235 TI-TSL235 Datasheet
80Kb / 6P
[Old version datasheet]   LIGHT-TO-FREQUENCY CONVERTER
logo
List of Unclassifed Man...
TSL235R ETC-TSL235R Datasheet
83Kb / 8P
   LIGHTTOFREQUENCY CONVERTER
logo
Texas Instruments
TSL220 TI-TSL220 Datasheet
156Kb / 10P
[Old version datasheet]   LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL235R AMSCO-TSL235R_V01 Datasheet
320Kb / 17P
   Light-to-Frequency Converter
2018-Apr-04
TSL235 AMSCO-TSL235 Datasheet
722Kb / 11P
   LIGHT-TO-FREQUENCY CONVERTER
TSL235R AMSCO-TSL235R Datasheet
722Kb / 11P
   LIGHT-TO-FREQUENCY CONVERTER
logo
Texas Instruments
TSL245 TI-TSL245 Datasheet
83Kb / 6P
[Old version datasheet]   INFRARED LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS3200 TAOS-TCS3200 Datasheet
165Kb / 14P
   COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL245 AMSCO-TSL245 Datasheet
595Kb / 11P
   INFRARED LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL245R TAOS-TSL245R Datasheet
157Kb / 10P
   INFRARED LIGHT-TO-FREQUENCY CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com